Electronic Components Datasheet Search
  English  ▼

X  

ADC101S021 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC101S021
Description  ADC101S051/ADC101S051Q Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021 Datasheet(HTML) 4 Page - Texas Instruments

  ADC101S021 Datasheet HTML 1Page - Texas Instruments ADC101S021 Datasheet HTML 2Page - Texas Instruments ADC101S021 Datasheet HTML 3Page - Texas Instruments ADC101S021 Datasheet HTML 4Page - Texas Instruments ADC101S021 Datasheet HTML 5Page - Texas Instruments ADC101S021 Datasheet HTML 6Page - Texas Instruments ADC101S021 Datasheet HTML 7Page - Texas Instruments ADC101S021 Datasheet HTML 8Page - Texas Instruments ADC101S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADC101S051
SNAS303I – JULY 2005 – REVISED JANUARY 2014
www.ti.com
ADC101S051 Converter Electrical Characteristics
(1) (2)
The following specifications apply for VA = +2.7V to 5.25V, fSCLK = 4 MHz to 10 MHz, fSAMPLE = 200 ksps to 500 ksps, CL = 15
pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Parameter
Test Conditions
Typ
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits
+0.12
LSB (max)
VA = +2.7 to +3.6V
±0.7
−0.08
LSB (min)
INL
Integral Non-Linearity
+0.15
LSB (max)
VA = +4.75 to +5.25V
±0.7
−0.09
LSB (min)
+0.15
LSB (max)
VA = +2.7 to +3.6V
±0.6
−0.11
LSB (min)
DNL
Differential Non-Linearity
+0.15
LSB (max)
VA = +4.75 to +5.25V
±0.6
−0.11
LSB (min)
VA = +2.7 to +3.6V
+0.21
±0.7
LSB (max)
VOFF
Offset Error
VA = +4.75 to +5.25V
+0.11
±0.7
LSB (max)
VA = +2.7 to +3.0V, ADC101S051Q
−0.2
LSB (max)
VA = +3.0 to +3.6V, ADC101S051Q
−0.2
±1.0
LSB (max)
GE
Gain Error
VA = +2.7 to +3.6V, ADC101S051
−0.2
±1.0
LSB (max)
VA = +4.75 to +5.25V
−0.33
±1.0
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7 to 5.25V
SINAD
Signal-to-Noise Plus Distortion Ratio
61.5
60.8
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SNR
Signal-to-Noise Ratio
61.6
61.1
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
THD
Total Harmonic Distortion
−79
−72.5
dB (max)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SFDR
Spurious-Free Dynamic Range
fIN = 100 kHz, −0.02 dBFS,
81
70
dB (min)
ADC101S051Q
VA = +2.7 to 5.25V
SFDR
Spurious-Free Dynamic Range
fIN = 100 kHz, −0.02 dBFS,
81
74
dB (min)
ADC101S051
VA = +2.7 to 5.25V
ENOB
Effective Number of Bits
9.9
9.8
Bits (min)
fIN = 100 kHz, −0.02 dBFS
Intermodulation Distortion, Second
VA = +5.25V
−83
dB
Order Terms
fa = 103.5 kHz, fb = 113.5 kHz
IMD
Intermodulation Distortion, Third Order
VA = +5.25V
−82
dB
Terms
fa = 103.5 kHz, fb = 113.5 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
4
pF
(1)
Tested limits are specified to Texas Instrument's AOQL (Average Outgoing Quality Level).
(2)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC101S051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com