Electronic Components Datasheet Search
  English  ▼

X  

ADS5272IPFPT Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5272IPFPT
Description  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5272IPFPT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5272IPFPT Datasheet HTML 17Page - Texas Instruments ADS5272IPFPT Datasheet HTML 18Page - Texas Instruments ADS5272IPFPT Datasheet HTML 19Page - Texas Instruments ADS5272IPFPT Datasheet HTML 20Page - Texas Instruments ADS5272IPFPT Datasheet HTML 21Page - Texas Instruments ADS5272IPFPT Datasheet HTML 22Page - Texas Instruments ADS5272IPFPT Datasheet HTML 23Page - Texas Instruments ADS5272IPFPT Datasheet HTML 24Page - Texas Instruments ADS5272IPFPT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
INPUT OVER-VOLTAGE RECOVERY
5nH
to 9nH
3.2pF
to 4.8pF
IN
OUT
IN
P
1.5pF to
2.5pF
1
Ω
500
Ω
to 720
Ω
15
Ω
to 25
Ω
500
Ω
to 720
Ω
5nH
to 9nH
IN
N
1.5pF to
2.5pF
1
Ω
15
Ω
to 25
Ω
60
Ω
to 120
Ω
1.5pF
to 1.9pF
IN
OUT
3.2pF
to 4.8pF
IN
OUT
15
Ω
to 25
Ω
15
Ω
to 25
Ω
60
Ω
to 120
Ω
IN
OUT
IN
OUT
15
Ωto 35Ω
IN
OUT
IN
OUT
OUT
P
OUT
N
Switches that are ON
in SAMPLE phase.
Switches that are ON
in HOLD phase.
ADS5272
www.ti.com...................................................................................................................................................... SBAS324C – JUNE 2004 – REVISED JANUARY 2009
Figure 35 shows a detailed RLC model of the
over-voltage pulse input of twice the amplitude of a
sample-and-hold circuit. The circuit operates in two
full-scale pulse is expected to be within three clock
phases. In the sample phase, the input is sampled on
cycles when the input switches from overload to zero
two capacitors that are nominally 4pF. The sampling
signal. All of the amplifiers in the SHA and ADC are
circuit consists of a low-pass RC filter at the input to
specially designed for excellent recovery from an
filter out noise components that might be differentially
overload signal.
coupled on the input pins. The next phase is the hold
In most applications, the ADC inputs are driven with
phase wherein the voltage sampled on the capacitors
differential sinusoidal inputs. While the pulse-type
is transferred (using the amplifier) to a subsequent
signal
remains
at
peak
overload
conditions
pipeline ADC stage.
throughout its HIGH state, the sinusoid signal only
attains peak overload intermittently, at its minima and
maxima. This condition is much less severe for the
ADC input and the recovery of the ADC output (to 1%
The differential full-scale range supported by the
of full-scale around the expected code). This typically
ADS5272 is nominally 2.03V. The ADS5272 is
happens within the second clock when the input is
specially
designed
to
handle
an
over-voltage
driven with a sinusoid of amplitude equal to twice that
condition where the differential peak-to-peak voltage
of the ADC differential full-scale range.
can exceed up to twice the ADC full-scale range. If
the input common-mode is not considerably off from
VCM during overload (less than 300mV around the
nominal
value
of
1.45V),
recovery
from
an
Figure 35. Overall Structure of the Sample-and-Hold Circuit
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com