Electronic Components Datasheet Search
  English  ▼

X  

ADS5440IPFP Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5440IPFP
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5440IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5440IPFP Datasheet HTML 1Page - Texas Instruments ADS5440IPFP Datasheet HTML 2Page - Texas Instruments ADS5440IPFP Datasheet HTML 3Page - Texas Instruments ADS5440IPFP Datasheet HTML 4Page - Texas Instruments ADS5440IPFP Datasheet HTML 5Page - Texas Instruments ADS5440IPFP Datasheet HTML 6Page - Texas Instruments ADS5440IPFP Datasheet HTML 7Page - Texas Instruments ADS5440IPFP Datasheet HTML 8Page - Texas Instruments ADS5440IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
APPLICATIONS
RELATED PRODUCTS
DESCRIPTION
Reference
Timing
CLK
OVR
D[12:0]
CLK
5
DRY
VREF
AIN
AIN
TH1
5
5
Σ
DAC2
ADC2
ADC3
Σ
DAC1
ADC1
AVDD
DVDD
GND
Digital Error Correction
+
−
+
−
B0061-01
DRY
OVR
A1
TH2
A2
A3
TH3
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
•
Test and Measurement
•
13-Bit Resolution
•
Software-Defined Radio
•
210 MSPS Sample Rate
•
Multi-channel Basestation Receivers
•
SNR = 69 dBc at 100-MHz IF and 210 MSPS
•
Basestation Tx Digital Predistortion
•
SFDR = 76 dBc at 100-MHz IF and 210 MSPS
•
Communications Instrumentation
•
SNR = 68.1 dBc at 230-MHz IF and 210 MSPS
•
SFDR = 74 dBc at 230-MHz IF and 210 MSPS
•
2.2 VPP Differential Input Voltage
•
ADS5424 - 14-bit, 105 MSPS ADC
•
Fully Buffered Analog Inputs
•
ADS5423 - 14-bit, 80 MSPS ADC
•
5 V Analog Supply Voltage
•
ADS5444 - 13-bit, 250 MSPS ADC
•
LVDS Compatible Outputs
•
Total Power Dissipation: 2 W
•
Offset Binary Output Format
•
TQFP-80 PowerPAD™ Package
•
Pin Compatible with the ADS5444
•
Industrial Temperature Range = –40°C to 85°C
The ADS5440 is a 13-bit 210 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while
providing LVDS-compatible digital outputs from a 3.3 V supply. The ADS5440 input buffer isolates the internal
switching of the onboard track and hold (T&H) from disturbing the signal source. An internal reference generator
is also provided to further simplify the system design. The ADS5440 has outstanding low noise and linearity over
input frequency.
The ADS5440 is available in an 80-pin TQFP PowerPAD™ package. The ADS5440 is built on a state of the art
Texas Instruments complementary bipolar process (BiCom3X) and is specified over the full industrial
temperature range (–40°C to 85°C).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5440IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440IPFP TI-ADS5440IPFP Datasheet
556Kb / 11P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440IPFP TI1-ADS5440IPFP Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440IPFPR TI-ADS5440IPFPR Datasheet
556Kb / 11P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440IPFPR TI1-ADS5440IPFPR Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440IPFPRG4 TI1-ADS5440IPFPRG4 Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5440IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com