Electronic Components Datasheet Search
  English  ▼

X  

ADS5500MPAPEP Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5500MPAPEP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPEP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5500MPAPEP Datasheet HTML 3Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 4Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 5Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 6Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 7Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 8Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 9Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 10Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
7
ELECTRICAL CHARACTERISTICS(continued)
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −55°C to TMAX = 125°C, sampling rate = 125 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, DLL On, −1−dBFS differential input, and 3-VPP differential clock (unless otherwise noted)
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
Effective number of bits (ENOB)
fIN = 70 MHz
11.3
Bits
f = 10.1 MHz, 15.1 MHz
(−7 dBFS each tone)
85
Two-tone intermodulation distortion (IMD)
f = 30.1 MHz, 35.1 MHz
(−7 dBFS each tone)
85
dBc
f = 50.1 MHz, 55.1 MHz
(−7 dBFS each tone)
88
Power Supply
Total supply current, ICC
VIN = full-scale, fIN = 5 5 MHz,
AVDD = DRVDD = 3.3V
236
265
mA
Analog supply current, IAVDD
VIN = full-scale, fIN = 5 5 MHz,
AVDD = DRVDD = 3.3V
175
190
mA
Output buffer supply current, IDRVDD
VIN = full-scale, fIN = 55 MHz,
AVDD = DRVDD = 3.3 V
61
75
mA
Analog only
578
627
mW
Power dissipation
Total power with 10−pF load on
digital output to ground
780
875
mW
Standby power
With clocks running
181
250
mW
DIGITAL CHARACTERISTICS
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −55°C to TMAX = 125°C, sampling rate = 125 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, DLL On, −1 dBFS differential input, and 3-VPP differential clock (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
µA
Low-level input current
10
µA
Input current for RESET
−20
µA
Input capacitance
4
pF
Digital Outputs(1)
Low-level output voltage
CLOAD = 10 pF(2), fS = 125 MSPS
0.3
V
High-level output voltage
CLOAD = 10 pF(2), fS = 125 MSPS
3
V
Output capacitance
3
pF
(1) For optimal performance, all digital output lines (D0:D13), including the output clock, should see a similar load.
(2) Equivalent capacitance to ground of (load + parasitics of transmission lines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com