Electronic Components Datasheet Search
  English  ▼

X  

ADS5542IPAP.A Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5542IPAP.A
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5542IPAP.A Datasheet HTML 8Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 9Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 10Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 11Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 12Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 13Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 14Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 15Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
www.ti.com
THD + 10Log10
P
S
P
D
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Total Harmonic Distortion (THD)
Two-Tone Intermodulation Distortion (IMD3)
THD is the ratio of the power of the fundamental (PS)
IMD3 is the ratio of the power of the fundamental (at
to the power of the first eight harmonics (PD).
frequencies f1 and f2) to the power of the worst
spectral component at either frequency 2f1 – f2 or
2f2 – f1. IMD3 is either given in units of dBc (dB to
carrier) when the absolute power of the fundamental
is used as the reference, or dBFS (dB to Full-Scale)
THD is typically given in units of dBc (dB to carrier).
when the power of the fundamental is extrapolated to
Spurious-Free Dynamic Range (SFDR)
the converter's full-scale range.
The ratio of the power of the fundamental to the
DC Power Supply Rejection Ration (DC PSRR)
highest other spectral component (either spur or
The DC PSSR is the ratio of the change in offset
harmonic). SFDR is typically given in units of dBc
error to a change in analog supply voltage. The DC
(dB to carrier).
PSRR is typically given in units of mV/V.
Reference Error
The reference error is the variation of the actual
reference voltage (VREFP - VREFM) from its ideal
value. The reference error is typically given as a
percentage.
Voltage Overload Recovery Time
The voltage overload recovery time is defined as the
time required for the ADC to recover to within 1% of
the full-scale range in response to an input voltage
overload of 10% beyond the full-scale range.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com