Electronic Components Datasheet Search
  English  ▼

X  

ADS7883SBDBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7883SBDBVT
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7883SBDBVT Datasheet(HTML) 4 Page - Texas Instruments

  ADS7883SBDBVT Datasheet HTML 1Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 2Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 3Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 4Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 5Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 6Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 7Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 8Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TIMING REQUIREMENTS (see Figure 21)
ADS7883
SLAS594 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
ELECTRICAL SPECIFICATIONS (continued)
VDD = 2.7 V to 5.5 V, TA = –40°C to 125°C, fsample = 2 MSPS for VDD = 2.7 V to 4.5 V, fsample = 3 MSPS for VDD = 4.5 V to 5.5
V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At VDD = 3 V, 2-MSPS throughput
2.15
3
At VDD = 3 V, Static state
1.8
Supply current (normal mode)
mA
At VDD = 5 V, 3-MSPS throughput
2.7
4
At VDD = 5 V, Static state
2
SCLK off
1
Power-down state supply current
µA
SCLK on (48 MHz)
90
250
VDD = 5 V, 3 MSPS
13.5
20
Power dissipation
mW
VDD = 3 V, 2 MSPS
6.45
VDD = 5 V
10
12.5
Power dissipation in static state
mW
VDD = 3 V
5.4
Power-down time
0.1
µs
Power-up time
0.8
µs
TEMPERATURE RANGE
Specified performance
–40
125
°C
All specifications typical at TA = –40°C to 125°C, VDD = 2.7 V to 5.5 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VDD = 3 V
13.5 × tSCLK
tconv
Conversion time
ns
VDD = 5 V
13.5 × tSCLK
VDD = 3 V
78
tacq
Aquisition time
ns
VDD = 5 V
52
VDD = 3 V
10
Minimum quiet time needed from bus 3-state to start
tq
ns
of next conversion
VDD = 5 V
10
VDD = 3 V
9
15
td1
Delay time, CS low to first data (0) out
ns
VDD = 5 V
8
11
VDD = 3 V
7
tsu1
Setup time, CS low to SCLK low
ns
VDD = 5 V
5
VDD = 3 V
11
20
td2
Delay time, SCLK falling to SDO
ns
VDD = 5 V
9
12
VDD < 3 V
5.5
th1
Hold time, SCLK falling to data valid(2)
ns
VDD > 5 V
4
VDD = 3 V
9
15
td3
Delay time, 16th SCLK falling edge to SDO 3-state
ns
VDD = 5 V
8
11
VDD = 3 V
10
tw1
Pulse duration, CS
ns
VDD = 5 V
10
VDD = 3 V
9
15
td4
Delay time, CS high to SDO 3-state,
ns
VDD = 5 V
8
11
VDD = 3 V
0.45 × tSCLK
twH
Pulse duration, SCLK high
ns
VDD = 5 V
0.45 × tSCLK
VDD = 3 V
0.45 × tSCLK
twL
Pulse duration, SCLK low
ns
VDD = 5 V
0.45 × tSCLK
(1)
3-V Specifications apply from 2.7 V to 3.6 V, and 5-V specifications apply from 4.5 V to 5.5 V.
(2)
With 10-pf load.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com