Electronic Components Datasheet Search
  English  ▼

X  

AFE4950 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE4950
Description  AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4950 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE4950 Datasheet HTML 3Page - Texas Instruments AFE4950 Datasheet HTML 4Page - Texas Instruments AFE4950 Datasheet HTML 5Page - Texas Instruments AFE4950 Datasheet HTML 6Page - Texas Instruments AFE4950 Datasheet HTML 7Page - Texas Instruments AFE4950 Datasheet HTML 8Page - Texas Instruments AFE4950 Datasheet HTML 9Page - Texas Instruments AFE4950 Datasheet HTML 10Page - Texas Instruments AFE4950 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.20
0.14
2
TYP
2 TYP
0.4 TYP
0.4 TYP
36X
0.27
0.23
B
E
A
D
4224846/A 03/2019
DSBGA - 0.5 mm max height
YBG0036
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
1
2
3
0.015
C A B
4
5
SYMM
SYMM
B
C
D
E
F
6
SCALE 6.000
D: Max =
E: Max =
2.59 mm, Min =
2.49 mm, Min =
2.53 mm
2.43 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com