Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320DM355_08 Datasheet HTML 9Page - Texas Instruments TMS320DM355_08 Datasheet HTML 10Page - Texas Instruments TMS320DM355_08 Datasheet HTML 11Page - Texas Instruments TMS320DM355_08 Datasheet HTML 12Page - Texas Instruments TMS320DM355_08 Datasheet HTML 13Page - Texas Instruments TMS320DM355_08 Datasheet HTML 14Page - Texas Instruments TMS320DM355_08 Datasheet HTML 15Page - Texas Instruments TMS320DM355_08 Datasheet HTML 16Page - Texas Instruments TMS320DM355_08 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
www.ti.com
2.4 Pin Functions
2.4.1
Image Data Input - Video Processing Front End
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
The pin functions tables (Table 2-4 through Table 2-22) identify the external signal names, the associated
pin (ball) numbers along with the mechanical package designator, the pin type, whether the pin has any
internal pullup or pulldown resistors, and a functional pin description. For more detailed information on
device configuration, peripheral selection, multiplexed/shared pins, and debugging considerations, see
Section 3. For the list of all pin in chronological order see Section 2.5
The CCD Controller module in the Video Processing Front End has an external signal interface for image
data input. It supports YUV (YC) inputs as well as Bayer RGB and complementary input signals (I.e.,
image data input).
The definition of the CCD controller data input signals depend on the input mode selected.
• In 16-bit YCbCr mode, the Cb and Cr signals are multiplexed on the Cl signals and the order is
configurable (i.e., Cb first or Cr first).
• In 8-bit YCbCr mode, the Y, Cb, and Cr signals are multiplexed and not only is the order selectable,
but also the half of the bus used.
Table 2-4. CCD Controller Signals for Each Input Mode
PIN NAME
CCD
16-BIT YCbCr
8-BIT YCbCr
Cl7
Cb7,Cr7
Y7,Cb7,Cr7
Cl6
Cb6,Cr6
Y6,Cb6,Cr6
Cl5
CCD13
Cb5,Cr5
Y5,Cb5,Cr5
Cl4
CCD12
Cb4,Cr4
Y4,Cb4,Cr4
Cl3
CCD11
Cb3,Cr3
Y3,Cb3,Cr3
Cl2
CCD10
Cb2,Cr2
Y2,Cb2,Cr2
Cl1
CCD9
Cb1,Cr1
Y1,Cb1,Cr1
Cl0
CCD8
Cb0,Cr0
Y0,Cb0,Cr0
Yl7
CCD7
Y7
Y7,Cb7,Cr7
Yl6
CCD6
Y6
Y6,Cb6,Cr6
Yl5
CCD5
Y5
Y5,Cb5,Cr5
Yl4
CCD4
Y4
Y4,Cb4,Cr4
Yl3
CCD3
Y3
Y3,Cb3,Cr3
Yl2
CCD2
Y2
Y2,Cb2,Cr2
Yl1
CCD1
Y1
Y1,Cb1,Cr1
Yl0
CCD0
Y0
Y0,Cb0,Cr0
Submit Documentation Feedback
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com