Electronic Components Datasheet Search
  English  ▼

X  

SQP Datasheet(PDF) 2 Page - YAGEO Corporation

Part # SQP
Description  Cement Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SQP Datasheet(HTML) 2 Page - YAGEO Corporation

  SQP Datasheet HTML 1Page - YAGEO Corporation SQP Datasheet HTML 2Page - YAGEO Corporation SQP Datasheet HTML 3Page - YAGEO Corporation SQP Datasheet HTML 4Page - YAGEO Corporation SQP Datasheet HTML 5Page - YAGEO Corporation SQP Datasheet HTML 6Page - YAGEO Corporation SQP Datasheet HTML 7Page - YAGEO Corporation SQP Datasheet HTML 8Page - YAGEO Corporation SQP Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.yageo.com
Mar. 06, 2024 V.4
Cement Resistors
2
9
Product Specification
SQP / NSP
Through Hole Resistors
APPLICATIONS
Power applications
Home appliance
Industry
FEATURES
High power rating
Excellent pulse load capability
Axial terminal
Flameproof ceramic case
RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the cement resistor is identified by the series, power
rating, tolerance, packing, temperature coefficient and resistance value.
PART NUMBER
SQP
500
J
B
-
22R
(1)
(2)
(3)
(4)
(5)
(6)
(1) SERIES
SQP Series = General purpose
NSP Series = Non inductive
(2) POWER RATING
100 = 1W
200= 2W
300 = 3W
5WS = 5W
500 = 5W
700 = 7W
10A = 10W
15A = 15W
20A = 20W
25A= 25W
30A = 30W
40A= 40W
(3) TOLERANCE
F = ±1% (Wirewound)
J = ±5%
(4) PACKAGING
B = Bulk for wirewound or metal oxide or fiberglass element
W = Bulk for wirewound element
M = Bulk for metal oxide element
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
F=±100ppm/°C (Wirewound)
- = Based on spec.
(6) RESISTANCE VALUE
E24 & E96 Series
Example:
100R = 100Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com