Electronic Components Datasheet Search
  English  ▼

X  

CC2591RGVT Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2591RGVT
Description  CC2591 2.4-GHz RF Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2591RGVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2591RGVT Datasheet HTML 6Page - Texas Instruments CC2591RGVT Datasheet HTML 7Page - Texas Instruments CC2591RGVT Datasheet HTML 8Page - Texas Instruments CC2591RGVT Datasheet HTML 9Page - Texas Instruments CC2591RGVT Datasheet HTML 10Page - Texas Instruments CC2591RGVT Datasheet HTML 11Page - Texas Instruments CC2591RGVT Datasheet HTML 12Page - Texas Instruments CC2591RGVT Datasheet HTML 13Page - Texas Instruments CC2591RGVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
CC2591
SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014
www.ti.com
Table 5-1. List of Materials (See CC2591EM Reference Design)
DEVICE
FUNCTION
VALUE
L112
Part of antenna match.
1.5 nH: LQW15AN1N5B00 from Murata
L111
DC block.
1 nF: GRM1555C1H102JA01 from Murata
C111
Part of antenna match.
1 pF: GRM1555C1H1R0BZ01 from Murata
C161
Decoupling capacitor.
1 nF: GRM1555C1H102JA01 from Murata
10 pF || 1 nF. The smallest cap closest. See CC2591EM
reference design (SWRU190) for placement.
C11/C12
Decoupling. Will affect PA resonance.
10 pF: GRM1555C1H100JZ01 from Murata
1 nF: GRM1555C1H102JA01 from Murata
18 pF || 1 nF. The smallest cap closest. See CC2591EM
reference design (SWRU190) for placement.
C101/C102
Decoupling. Will affect PA resonance.
18 pF: GRM1555C1H180JZ01 from Murata
1 nF: GRM1555C1H102JA01 from Murata
10 pF || 1 nF. The smallest cap closest. See CC2591EM
reference design (SWRU190) for placement.
C131/C132
Decoupling. Will affect PA resonance.
10 pF: GRM1555C1H100JZ01 from Murata
1 nF: GRM1555C1H102JA01 from Murata
C2
Decoupling of external balun
1 nF: GRM1555C1H102JA01 from Murata
TL11
Transmission line. Will affect PA resonance.
See CC2591EM reference design.
TL101
Transmission line. Will affect PA resonance.
See CC2591EM reference design.
TL131
Transmission line. Will affect LNA resonance.
See CC2591EM reference design.
R151
Bias resistor
4.3 k
Ω: RK73H1ETTP4301F from Koa
5.2
Controlling the Output Power from CC2591
The output power of CC2591 is controlled by controlling the input power. The CC2591 PA is designed to
work in compression (class AB), and the best efficiency is reached when a strong input signal is applied.
5.2.1
Input Levels on Control Pins
The four digital control pins (PAEN, EN, HGM, RXTX) have built-in level-shifting functionality, meaning
that if the CC2591 is operating from a 3.6-V supply voltage, the control pins will still sense 1.6-V - 1.8-V
signals as logical ‘1’.
An example of the above would be that RXTX is connected directly to the RXTX pin on CC24xx, but the
global supply voltage is 3.6 V. The RXTX pin on CC24xx will switch between 0 V (RX) and 1.8 V(TX),
which is still a high enough voltage to control the mode of CC2591.
The input voltages should however not have logical ‘1’ level that is higher than the supply.
5.2.2
Connecting CC2591 to a CC24xx Device
Table 5-2. Control Logic for Connecting CC2591 to a CC24xx Device
PAEN = EN
RXTX
HGM
MODE OF OPERATION
0
X
X
Power Down
1
0
0
RX Low Gain Mode
1
0
1
RX High Gain Mode
1
1
X
TX
10
Applications, Implementation, and Layout
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com