Electronic Components Datasheet Search
  English  ▼

X  

CC3300 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC3300
Description  CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3300 Datasheet HTML 9Page - Texas Instruments CC3300 Datasheet HTML 10Page - Texas Instruments CC3300 Datasheet HTML 11Page - Texas Instruments CC3300 Datasheet HTML 12Page - Texas Instruments CC3300 Datasheet HTML 13Page - Texas Instruments CC3300 Datasheet HTML 14Page - Texas Instruments CC3300 Datasheet HTML 15Page - Texas Instruments CC3300 Datasheet HTML 16Page - Texas Instruments CC3300 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
6.12 Current Consumption - BLE Static Modes
PARAMETER
TEST CONDITION
SUPPLY
TYP
MAX
UNIT
TX, Max Duty Cycle
TX power = 0 dBm
VMain
102
mA
VPA
35
TX power = 10 dBm
VMain
102
VPA
100
TX power = 20 dBm
VMain
105
VPA
250
RX
VMain
62
VPA
0
6.13 Current Consumption - Device States
Nominal device at room temp
MODE
DESCRIPTION
SUPPLY
TYP
UNIT
Shutdown
External supplies are available, device
held in reset (nReset is low)
VMain + VPP
10
uA
VPA
2
Sleep
Low power mode - RAM in retention
VMain + VPP
330
VPA
2
6.14 Timing and Switching Characteristics
6.14.1 Power Supply Sequencing
For proper operation of the CC330x device, perform the recommended power-up sequencing as follows:
1. All supplies (VDD_MAIN_IN, VDDA, VIO, VPA) must be available before nReset is released.
2. For an external slow clock, ensure that the clock is stable before nReset is deasserted (high).
3. The nReset pin should be held low for at least 10 us after stabilization of the external power supplies.
6.14.2 Clocking Specifications
The CC330x device uses two clocks for operation:
• A fast clock running at 40 MHz for WLAN/BLE functions
• A slow clock running at 32.768 kHz for low power modes
The slow clock can be generated internally or externally. The fast clock must be generated externally.
6.14.2.1 Slow Clock Generated Internally
In order to minimize external components, the slow clock can be generated by an internal oscillator. However,
this clock is less accurate and consumes more power than sourcing the slow clock externally. For this scenario
the Slow_CLK_IN pin should be left not connected.
6.14.2.2 Slow Clock Using an External Oscillator
For optimal power consumption, the slow clock can be generated externally by an oscillator or sourced from
elsewhere in the system. The external source must meet the requirements listed below. This clock should be fed
into the CC330x pin Slow_CLK_IN and should be stable before nReset is deasserted and device is enabled.
www.ti.com
CC3301, CC3300
SWRS294D – MARCH 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com