Electronic Components Datasheet Search
  English  ▼

X  

CD40107BF Datasheet(PDF) 1 Page - Texas Instruments

Part # CD40107BF
Description  CMOS Dual 2-Input NAND Buffer/Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD40107BF Datasheet(HTML) 1 Page - Texas Instruments

  CD40107BF Datasheet HTML 1Page - Texas Instruments CD40107BF Datasheet HTML 2Page - Texas Instruments CD40107BF Datasheet HTML 3Page - Texas Instruments CD40107BF Datasheet HTML 4Page - Texas Instruments CD40107BF Datasheet HTML 5Page - Texas Instruments CD40107BF Datasheet HTML 6Page - Texas Instruments CD40107BF Datasheet HTML 7Page - Texas Instruments CD40107BF Datasheet HTML 8Page - Texas Instruments CD40107BF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data sheet acquired from Harris Semiconductor
SCHS098D − Revised October 2003
The CD40107B is a dual 2-input NAND
buffer/driver containing two independent
2-input NAND buffers with open-drain single
n-channel transistor outputs. This device
features a wired-OR capability and high output
sink current capability (136 mA typ. at
VDD = 10 V, VDS = 1 V). The CD40107B is
supplied in 8-lead hermetic dual-in-line ceramic
packages (F3A suffix), 8-lead dual-in-line
plastic packages (E suffix), 8-lead small-outline
packages (M, M96, MT, and PSR suffixes), and
8-lead thin shrink small-outline packages (PW
and PWR suffixes).
Copyright
© 2003, Texas Instruments Incorporated


Similar Part No. - CD40107BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40107BF TI-CD40107BF Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107BF3A TI-CD40107BF3A Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
More results

Similar Description - CD40107BF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
Quadruple 2-Input NAND Buffer
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
DUAL 2-INPUT NAND BUFFER/DRIVER
Oct-2002
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
quad 2-input nand buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com