Electronic Components Datasheet Search
  English  ▼

X  

CD74HC73 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC73
Description  CDx4HC73 CD74HCT73 Dual J-K Flip-Flop with Reset Negative-Edge Trigger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC73 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC73 Datasheet HTML 2Page - Texas Instruments CD74HC73 Datasheet HTML 3Page - Texas Instruments CD74HC73 Datasheet HTML 4Page - Texas Instruments CD74HC73 Datasheet HTML 5Page - Texas Instruments CD74HC73 Datasheet HTML 6Page - Texas Instruments CD74HC73 Datasheet HTML 7Page - Texas Instruments CD74HC73 Datasheet HTML 8Page - Texas Instruments CD74HC73 Datasheet HTML 9Page - Texas Instruments CD74HC73 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5.5 Prerequisite for Switching Specifications
PARAMETER
TEST
CONDITIONS
VCC(V)
25
℃
–40
℃ to 85℃
–55
℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tw
CP pulse width
–CL = 50 pF
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tw
R pulse width
–CL = 50 pF
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tSU
Setup time, J, K to CP
CL = 50 pF
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tH
Hold time, J, K to CP
CL = 50 pF
2
3
3
3
ns
4.5
3
3
3
6
3
3
3
tREM
Removal time
–CL = 50 pF
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
fMAX
CP frequency
CL = 50 pF
2
6
5
4
MHz
4.5
30
25
20
CL = 15 pF
5
60
CL = 50 pF
6
35
29
23
HCT TYPES
tw
CP pulse width
CL = 50 pF
4.5
16
20
24
ns
tw
R pulse width
CL = 50 pF
4.5
18
23
27
ns
tSU
Setup time, J, K to CP
CL = 50 pF
4.5
16
20
24
ns
tH
Hold time, J, K to CP
CL = 50 pF
4.5
3
3
3
ns
tREM
Removal time
CL = 50 pF
4.5
12
15
18
ns
fMAX
CP frequency
CL = 50 pF
4.5
30
25
20
MHz
CL = 15 pF
5
60
CD54HC73, CD74HC73, CD74HCT73
SCHS134G – FEBRUARY 1998 – REVISED OCTOBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC73 CD74HC73 CD74HCT73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com