Electronic Components Datasheet Search
  English  ▼

X  

CDCE925 Datasheet(PDF) 15 Page - Texas Instruments

Part # CDCE925
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE925 Datasheet HTML 11Page - Texas Instruments CDCE925 Datasheet HTML 12Page - Texas Instruments CDCE925 Datasheet HTML 13Page - Texas Instruments CDCE925 Datasheet HTML 14Page - Texas Instruments CDCE925 Datasheet HTML 15Page - Texas Instruments CDCE925 Datasheet HTML 16Page - Texas Instruments CDCE925 Datasheet HTML 17Page - Texas Instruments CDCE925 Datasheet HTML 18Page - Texas Instruments CDCE925 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
EEPROM
Xin
Xout
VDD
GND
VDDOUT
Xtal
Y2 = 27 MHz
Y1 = 27 MHz
Y3 = 27 MHz
LV
CMOS
Pdiv1
1
=
Y4 = 27 MHz
Y5 = 27 MHz
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
Programming
and
SDA SCL
Register
/
Input Clock
PLL Bypass
PLL 1
Power Down
PLL Bypass
PLL 2
Power Down
S0
SDA
SCL
27-MHz
Crystal
Programming Bus
1 = Outputs Enabled
0 = Outputs Disabled
(High-Impedance)
Pdiv2
1
=
Pdiv3
1
=
Pdiv3
1
=
Pdiv4
1
=
Pdiv5
1
=
15
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
S1 is SDA and S2 is SCL in default mode or when programmed (SPICON bit 6 of register 2 set to 0). They do not have any control-pin
function but they are internally interpreted as if S1 = 0 and S2 = 0. S0, however, is a control pin which in the default mode switches all
outputs ON or OFF (as previously predefined).
Figure 7. Preconfiguration of CDCEx925 Internal EEPROM
Table 4 shows the factory default setting for the control terminal register (external control pins). Note that even
though eight different register settings are possible, in default configuration, only the first two settings (0 and 1)
can be selected with S0, as S1 and S2 are configured as programming pins in the default mode.
Table 4. Factory Default Settings for Control Terminal Register(1)
Y1
PLL1 SETTINGS
PLL2 SETTINGS
EXTERNAL CONTROL PINS
S2
S1
S0
Y1
FS1
SSC1
Y2Y3
FS2
SSC2
Y4Y5
SCL (I2C)
SDA (I2C)
0
High-
impedance
state
fVCO1_0
Off
High-
impedance
state
fVCO2_0
Off
High-
impedance
state
SCL (I2C)
SDA (I2C)
1
Enabled
fVCO1_0
Off
Enabled
fVCO2_0
Off
Enabled
9.3.3 SDA/SCL Serial Interface
This section describes the SDA/SCL interface of the CDCEx925 device. The CDCEx925 operates as a slave
device of the 2-wire serial SDA/SCL bus, compatible with the popular SMBus or I2C specification. It operates in
the standard-mode transfer (up to 100 kbps) and fast-mode transfer (up to 400 kbps) and supports 7-bit
addressing.
The SDA/S1 and SCL/S2 pins of the CDCEx925 are dual-function pins. In the default configuration they are used
as SDA/SCL serial programming interface. They can be reprogrammed as general-purpose control pins, S1 and
S2, by changing the corresponding EEPROM setting, byte 02h, bit [6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com