Electronic Components Datasheet Search
  English  ▼

X  

CSD19505KCS Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD19505KCS
Description  CSD19505KCS 80V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19505KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD19505KCS Datasheet HTML 1Page - Texas Instruments CSD19505KCS Datasheet HTML 2Page - Texas Instruments CSD19505KCS Datasheet HTML 3Page - Texas Instruments CSD19505KCS Datasheet HTML 4Page - Texas Instruments CSD19505KCS Datasheet HTML 5Page - Texas Instruments CSD19505KCS Datasheet HTML 6Page - Texas Instruments CSD19505KCS Datasheet HTML 7Page - Texas Instruments CSD19505KCS Datasheet HTML 8Page - Texas Instruments CSD19505KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD19505KCS 80V N-Channel NexFET™ Power MOSFET
1 Features
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Pb-free terminal plating
• RoHS compliant
• Halogen Free
• TO-220 plastic package
2 Applications
• Secondary side synchronous rectifier
• Motor control
3 Description
This 80 V, 2.6 mΩ, TO-220 NexFET™ power MOSFET
is designed to minimize losses in power conversion
applications.
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
80
V
Qg
Gate Charge Total (10V)
76
nC
Qgd
Gate Charge Gate to Drain
11
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 6V
2.9
mΩ
VGS = 10V
2.6
mΩ
VGS(th)
Threshold Voltage
2.6
V
Ordering Information(1)
Device
Package
Media
Qty
Ship
CSD19505KCS
TO-220 Plastic Package
Tube
50
Tube
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
80
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package limited)
150
A
Continuous Drain Current (Silicon limited),
TC = 25°C
208
Continuous Drain Current (Silicon limited),
TC = 100°C
147
IDM
Pulsed Drain Current (1)
400
A
PD
Power Dissipation
300
W
TJ,
Tstg
Operating Junction and
Storage Temperature Range
–55 to 175
°C
EAS
Avalanche Energy, single pulse
ID = 101A, L = 0.1mH, RG = 25Ω
510
mJ
(1)
Max RθJC = 0.5°C/W, pulse duration ≤100μs, duty cycle ≤1%
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C, ID = 100A
TC = 125°C, ID = 100A
G001
RDS(on) vs VGS
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
Qg - Gate Charge (nC)
ID = 100A
VDS = 40V
G001
Gate Charge
CSD19505KCS
SLPS480C – JANUARY 2014 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD19505KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD19505KCS ISC-CSD19505KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - CSD19505KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
N-Channel NexFET Power MOSFET
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
80V N-Channel NexFET Power MOSFETs
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
80V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com