Electronic Components Datasheet Search
  English  ▼

X  

CSD85301Q2 Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD85301Q2
Description  CSD85301Q2 20V Dual N-Channel NexFET™ Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD85301Q2 Datasheet(HTML) 4 Page - Texas Instruments

  CSD85301Q2 Datasheet HTML 1Page - Texas Instruments CSD85301Q2 Datasheet HTML 2Page - Texas Instruments CSD85301Q2 Datasheet HTML 3Page - Texas Instruments CSD85301Q2 Datasheet HTML 4Page - Texas Instruments CSD85301Q2 Datasheet HTML 5Page - Texas Instruments CSD85301Q2 Datasheet HTML 6Page - Texas Instruments CSD85301Q2 Datasheet HTML 7Page - Texas Instruments CSD85301Q2 Datasheet HTML 8Page - Texas Instruments CSD85301Q2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GATE
Source
DRAIN
M0164-01
Max RθJA = 70 when
mounted on 1 inch2
(6.45cm2) of 2oz.
(0.071mm thick) Cu.
GATE
Source
DRAIN
M0164-02
Max RθJA = 185 when
mounted on minimum pad
area of 2oz.
(0.071mm thick) Cu.
4.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 4-1. Transient Thermal Impedance
CSD85301Q2
SLPS521A – DECEMBER 2014 – REVISED MAY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CSD85301Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com