Electronic Components Datasheet Search
  English  ▼

X  

DAC5571 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC5571
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5571 Datasheet(HTML) 2 Page - Texas Instruments

  DAC5571 Datasheet HTML 1Page - Texas Instruments DAC5571 Datasheet HTML 2Page - Texas Instruments DAC5571 Datasheet HTML 3Page - Texas Instruments DAC5571 Datasheet HTML 4Page - Texas Instruments DAC5571 Datasheet HTML 5Page - Texas Instruments DAC5571 Datasheet HTML 6Page - Texas Instruments DAC5571 Datasheet HTML 7Page - Texas Instruments DAC5571 Datasheet HTML 8Page - Texas Instruments DAC5571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
PIN CONFIGURATIONS
A0
SCL
SDA
6
5
4
1
2
3
VOUT
GND
VDD
1
2
3
6
5
4
(TOP VIEW)
(BOTTOM VIEW)
Lot Trace Code
ABSOLUTE MAXIMUM RATINGS
(1)
DAC5571
SLAS405A – DECEMBER 2003 – REVISED AUGUST 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PACKAGE
SPECIFIED TEM-
PACKAGE
ORDERING NUM-
PRODUCT
PACKAGE
DESIG-
TRANSPORT MEDIA
PERATURE RANGE
MARKING
BER
NATOR
DAC5571IDBVT
250-Piece Small Tape and Reel
DAC5571
SOT23-6
DBV
–40°C to +105°C
D571
DAC5571IDBVR
3000-Piece Tape and Reel
PIN DESCRIPTION (SOT23-6)
PIN
NAME
DESCRIPTION
1
VOUT
Analog output voltage from DAC
Ground reference point for all
2
GND
circuitry
3
VDD
Analog Voltage Supply Input
4
SDA
Serial Data Input
5
SCL
Serial Clock Input
6
A0
Device Address Select
LOT
Year (3 = 2003); M onth (1–9 = JAN–SEP; A=OCT,
TRACE
B=NOV, C=DEC); LL– Random code generated
CODE:
when assembly is requested
UNITS
VDD to GND
– 0.3 V to +6 V
Digital input voltage to GND
–0.3 V to +VDD+0.3 V
VOUT to GND
– 0.3 V to +VDD+0.3 V
Operating temperature range
–40°C to +105°C
Storage temperature range
–65°C to +150°C
Junction temperature range (TJ max)
+150°C
Power dissipation
(TJmax - TA)RΘJA
Thermal impedance, RΘJA
240°C/W
Lead temperature, soldering
Vapor phase (60s)
215°C
Infrared (15s)
220°C
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com