Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM8261
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 4 Page - Texas Instruments

  LM8261 Datasheet HTML 1Page - Texas Instruments LM8261 Datasheet HTML 2Page - Texas Instruments LM8261 Datasheet HTML 3Page - Texas Instruments LM8261 Datasheet HTML 4Page - Texas Instruments LM8261 Datasheet HTML 5Page - Texas Instruments LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DAC081S101
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics
Values shown in this table are design targets and are subject to change before product release.
The following specifications apply for VA = +2.7V to +5.5V, RL = 2kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 4 to 251. Boldface limits apply for TMIN ≤ TA ≤ TMAX: all other limits TA = 25°C, unless otherwise specified.
Units
Parameter
Test Conditions
Typical (1)
Limits (1)
(Limits)
STATIC PERFORMANCE
Resolution
8
Bits (min)
Monotonicity
8
Bits (min)
INL
Integral Non-Linearity
+0.16
+0.75
LSB (max)
−0.12
−0.75
LSB (min)
+0.04
+0.1
LSB (max)
DNL
Differential Non-Linearity
−0.02
−0.1
LSB (min)
ZE
Zero Code Error
IOUT = 0
+3.8
+15
mV (max)
FSE
Full-Scale Error
IOUT = 0
−0.07
−1.0
%FSR (max)
GE
Gain Error
All ones Loaded to DAC register
−0.10
±1.0
%FSR (max)
ZCED
Zero Code Error Drift
−20
µV/°C
VA = 3V
−0.7
ppm/°C
TC GE
Gain Error Tempco
VA = 5V
−1.0
ppm/°C
OUTPUT CHARACTERISTICS
0
V (min)
Output Voltage Range
(2)
VA
V (max)
VA = 3V, IOUT = 10 µA
2.0
mV
VA = 3V, IOUT = 100 µA
5.0
mV
ZCO
Zero Code Output
VA = 5V, IOUT = 10 µA
3.0
mV
VA = 5V, IOUT = 100 µA
5.4
mV
VA = 3V, IOUT = 10 µA
2.986
V
VA = 3V, IOUT = 100 µA
2.976
V
FSO
Full Scale Output
VA = 5V, IOUT = 10 µA
4.976
V
VA = 5V, IOUT = 100 µA
4.970
V
RL = ∞
1500
pF
Maximum Load Capacitance
RL = 2kΩ
1500
pF
DC Output Impedance
1.3
Ohm
VA = 5V, VOUT = 0V,
−63
mA
Input code = FFh
VA = 3V, VOUT = 0V,
−50
mA
Input code = FFh
IOS
Output Short Circuit Current
VA = 5V, VOUT = 5V,
74
mA
Input code = 00h
VA = 3V, VOUT = 3V,
53
mA
Input code = 00h
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to TI's AOQL (Average
Outgoing Quality Level).
(2)
This parameter is guaranteed by design and/or characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DAC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com