Electronic Components Datasheet Search
  English  ▼

X  

LMC7111 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMC7111
Description  DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7111 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC7111 Datasheet HTML 4Page - Texas Instruments LMC7111 Datasheet HTML 5Page - Texas Instruments LMC7111 Datasheet HTML 6Page - Texas Instruments LMC7111 Datasheet HTML 7Page - Texas Instruments LMC7111 Datasheet HTML 8Page - Texas Instruments LMC7111 Datasheet HTML 9Page - Texas Instruments LMC7111 Datasheet HTML 10Page - Texas Instruments LMC7111 Datasheet HTML 11Page - Texas Instruments LMC7111 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
DB15
DB0
SCLK
DIN
SYNC
tSYNC
tDS
tDH
tCL
tCH
1 / fSCLK
tCFSR
1
2
13
14
15
16
tSS
8
DAC082S085
SNAS365G – MAY 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC082S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to AOQL (Average Outgoing
Quality Level).
(2)
This parameter is specified by design or characterization and is not tested in production.
7.6 Timing Requirements
The following specifications apply for VA = +2.7V to +5.5V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 3 to 252. All other limits are at TA = 25°C, unless otherwise specified.
(1)
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency
TA = 25°C
40
MHz
TMIN ≤ TA ≤ TMAX
30
ts
Output voltage settling time(2)
40h to C0h code change
RL = 2 kΩ, CL = 200 pF
TA = 25°C
3
µs
TMIN ≤ TA ≤ TMAX
4.5
SR
Output slew rate
1
V/µs
Glitch Impulse
Code change from 80h to 7Fh
12
nV-sec
Digital feedthrough
0.5
nV-sec
Digital crosstalk
1
nV-sec
DAC-to-DAC crosstalk
3
nV-sec
Multiplying bandwidth
VREFIN = 2.5 V ± 0.1 Vpp
160
kHz
Total harmonic distortion
VREFIN = 2.5 V ± 1 Vpp
input frequency = 10 kHz
70
dB
tWU
Wake-up time
VA = 3 V
6
µs
VA = 5 V
39
1/fSCLK
SCLK cycle time
TA = 25°C
25
ns
TMIN ≤ TA ≤ TMAX
33
tCH
SCLK high time
TA = 25°C
7
ns
TMIN ≤ TA ≤ TMAX
10
tCL
SCLK low time
TA = 25°C
7
ns
TMIN ≤ TA ≤ TMAX
10
tSS
SYNC setup time prior to
SCLK falling edge
TA = 25°C
4
ns
TMIN ≤ TA ≤ TMAX
10
tDS
Data setup time prior to SCLK
falling edge
TA = 25°C
1.5
ns
TMIN ≤ TA ≤ TMAX
3.5
tDH
Data hold time after SCLK
falling edge
TA = 25°C
1.5
ns
TMIN ≤ TA ≤ TMAX
3.5
tCFSR
SCLK fall prior to rise of
SYNC
TA = 25°C
0
ns
TMIN ≤ TA ≤ TMAX
3
tSYNC
SYNC high time
TA = 25°C
6
ns
TMIN ≤ TA ≤ TMAX
10
Figure 1. Serial Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com