Electronic Components Datasheet Search
  English  ▼

X  

DLP2000 Datasheet(PDF) 15 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 11Page - Texas Instruments DLP2000 Datasheet HTML 12Page - Texas Instruments DLP2000 Datasheet HTML 13Page - Texas Instruments DLP2000 Datasheet HTML 14Page - Texas Instruments DLP2000 Datasheet HTML 15Page - Texas Instruments DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments DLP2000 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
45°
On-State
Tilt Direction
Off-State
Tilt Direction
Pond Of Micromirrors (POM) omitted for clarity.
Not to scale.
Details omitted for clarity.
incident
illumination
DLP2000 DMD
M x N Micromirrors
N ± 1
0
1
2
3
N ± 4
N ± 2
N ± 3
Figure 6-9. Landed Pixel Orientation and Tilt
See Section 6.9 for M and N specifications.
6.11 Window Characteristics
Table 6-1. DMD Window Characteristics
PARAMETER
VALUE
UNIT
Window Material
Corning Eagle XG
Window Refractive Index at wavelength 546.1 nm
1.5119
Window Transmittance, minimum within the wavelength range 420–680 nm. Applies to all angles
0–30° AOI. (1) (2)
97%
Window Transmittance, average over the wavelength range 420–680 nm. Applies to all angles 30–
45° AOI. (1) (2)
97%
(1)
Single-pass through both surfaces and glass.
(2)
AOI – Angle Of Incidence is the angle between an incident ray and the normal of a reflecting or refracting surface.
www.ti.com
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com