Electronic Components Datasheet Search
  English  ▼

X  

THS4032 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS4032
Description  DAC7822IRTAR DAC7822IRTAT DAC7822IRTAT.A DAC7822IRTATG4.A DAC7822IRTAR.A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4032 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4032 Datasheet HTML 16Page - Texas Instruments THS4032 Datasheet HTML 17Page - Texas Instruments THS4032 Datasheet HTML 18Page - Texas Instruments THS4032 Datasheet HTML 19Page - Texas Instruments THS4032 Datasheet HTML 20Page - Texas Instruments THS4032 Datasheet HTML 21Page - Texas Instruments THS4032 Datasheet HTML 22Page - Texas Instruments THS4032 Datasheet HTML 23Page - Texas Instruments THS4032 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4219112/A 07/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RTA0040B
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
(0.2) TYP
0.8 MAX
0.05
0.00
PIN 1 INDEX AREA
6.1
5.9
6.1
5.9
4.15±0.1
2X 4.5
2X
4.5
36X 0.5
40X
0.28
0.16
40X
0.5
0.3
SEATING PLANE
C
1
PIN1 IDENTIFICATION
(OPTIONAL)
10
11
20
21
30
31
40
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com