Electronic Components Datasheet Search
  English  ▼

X  

DAC7802LU.A Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7802LU.A
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7802LU.A Datasheet(HTML) 4 Page - Texas Instruments

  DAC7802LU.A Datasheet HTML 1Page - Texas Instruments DAC7802LU.A Datasheet HTML 2Page - Texas Instruments DAC7802LU.A Datasheet HTML 3Page - Texas Instruments DAC7802LU.A Datasheet HTML 4Page - Texas Instruments DAC7802LU.A Datasheet HTML 5Page - Texas Instruments DAC7802LU.A Datasheet HTML 6Page - Texas Instruments DAC7802LU.A Datasheet HTML 7Page - Texas Instruments DAC7802LU.A Datasheet HTML 8Page - Texas Instruments DAC7802LU.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DAC7800, 7801, 7802
4
SBAS005A
www.ti.com
DATA
CS
CLK
t
1
t
5
UPD A
UPD B
t
3
t
7
CLR
t
6
t
8
t
4
0V
5V
5V
5V
5V
0V
NOTES: (1) All input signal rise and fall times are measured from 10% to 90% of +5V. t = t = 5ns.
(2) Timing measurement reference level is V + V
2
F
R
IH
IL
.
t
2
PARAMETER
MINIMUM
t1 — Data Setup Time
15ns
t2 — Data Hold Time
15ns
t3 — Chip Select to CLK,
15ns
Update, Data Setup Time
t4 — Chip Select to CLK,
40ns
Update, Data Hold Time
t5 — CLK Pulse Width
40ns
t6 — Clear Pulse Width
40ns
t7 — Update Pulse Width
40ns
t8 — CLK Edge to UPD A
15ns
or UPD B
TIMING CHARACTERISTICS
VDD = +5V, VREF A = VREF B = +10V, TA = –40°C to +85°C.
Data In
Bit 0
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
DAC A
MSB
DAC A
LSB
DAC B
MSB
DAC B
DAC7800 Data Input Sequence
DAC7800 Digital Interface Block Diagram
24-Bit
Shift Register
DAC A Register
UPD A
Data In
CLK
UPD B
LSB
MSB
DAC B Register
LSB
MSB
Bit
23
Bit
12
Bit
11
Bit
0
CLK
DATA INPUT FORMAT
DAC7800 (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com