Electronic Components Datasheet Search
  English  ▼

X  

ESD341DPLR Datasheet(PDF) 8 Page - Texas Instruments

Part # ESD341DPLR
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD341DPLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESD341DPLR Datasheet HTML 4Page - Texas Instruments ESD341DPLR Datasheet HTML 5Page - Texas Instruments ESD341DPLR Datasheet HTML 6Page - Texas Instruments ESD341DPLR Datasheet HTML 7Page - Texas Instruments ESD341DPLR Datasheet HTML 8Page - Texas Instruments ESD341DPLR Datasheet HTML 9Page - Texas Instruments ESD341DPLR Datasheet HTML 10Page - Texas Instruments ESD341DPLR Datasheet HTML 11Page - Texas Instruments ESD341DPLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
7 Detailed Description
7.1 Overview
The ESD341 device is a bidirectional ESD Protection Diode with ultra-low capacitance. This device can dissipate
ESD strikes above the maximum level specified by the IEC 61000-4-2 International Standard. The ultra-low
capacitance allows this device to protect high-speed signal pins including HDMI 1.4b.
7.2 Functional Block Diagram
IO
GND
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 IEC 61000-4-2 ESD Protection
The I/O pins can withstand ESD events up to ±30 kV contact and ±30 kV air gap. An ESD-surge clamp diverts
the current to ground.
7.3.2 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 5.4 A and 54 W (8/20 µs waveform). An ESD-surge clamp diverts
this current to ground.
7.3.3 IO Capacitance
The capacitance between each I/O pin to ground is 0.66 pF (typical). This device supports data rates up to 3.4
Gbps.
7.3.4 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is ±6.2 V (typical). This DC breakdown voltage ensures that sensitive
equipment is protected from surges above the reverse standoff voltage of ±3.6 V.
7.3.5 Ultra Low Leakage Current
The I/O pins feature an ultra-low leakage current of 100 nA (maximum) with a bias of ±3.6 V.
7.3.6 Low ESD Clamping Voltage
The I/O pins feature an ESD clamp that is capable of clamping the voltage to 7.4 V (IPP = 5 A, TLP).
7.3.7 Supports High Speed Interfaces
This device is capable of supporting high speed interfaces up to 3.4 Gbps, because of the extremely low IO
capacitance.
7.3.8 Industrial Temperature Range
This device features an industrial operating range of –40°C to +125°C.
7.4 Device Functional Modes
The ESD341 device is a passive integrated circuit that triggers when voltages are above VBRF or below VBRR.
During ESD events, voltages as high as ±30 kV (air or contact) can be directed to ground through the internal
diode network. When the voltages on the protected line fall below the VHOLD of ESD341 (usually within 10s of
nano-seconds) the device reverts to passive.
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com