Electronic Components Datasheet Search
  English  ▼

X  

MFH Datasheet(PDF) 2 Page - YAGEO Corporation

Part # MFH
Description  METAL FILM RESISTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFH Datasheet(HTML) 2 Page - YAGEO Corporation

  MFH Datasheet HTML 1Page - YAGEO Corporation MFH Datasheet HTML 2Page - YAGEO Corporation MFH Datasheet HTML 3Page - YAGEO Corporation MFH Datasheet HTML 4Page - YAGEO Corporation MFH Datasheet HTML 5Page - YAGEO Corporation MFH Datasheet HTML 6Page - YAGEO Corporation MFH Datasheet HTML 7Page - YAGEO Corporation MFH Datasheet HTML 8Page - YAGEO Corporation MFH Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.yageo.com
Apr. 03, 2024
V.2
Metal Film Resistors
2
14
Product Specification
MFH
Through Hole Resistors
APPLICATIONS
 All general purpose
applications
 Power applications
FEATURES
 AEC-Q200 qualified
 High resistance range
 High stability
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the high ohmic metal film resistor are identified by the
series, power rating, tolerance, packing, temperature coefficient, forming
and resistance value.
PART NUMBER
MFH
200
F
T
F
73-
5M1
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES NAME
MFH Series
(2) POWER RATING
-12 = 1/6W
25S = 1/4W
204= 0.4W
-25 = 1/4W
50S = 1/2W
207= 0.6W
-50 = 1/2W
1WS = 1W
200 = 2W
(3) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
(4) PACKAGING TYPE
R = Reel Pack
T = Box Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
E=±50ppm/°C
F=±100ppm/°C
G=±200ppm/°C
- = Based on spec.
(6) FORMING
26- = 26mm
52- = 52.4mm
73- = 73mm
26G = 26mm,
ψd ≥ 0.6mm
M = M-Type Forming
MB = M-form W/flat
F = F Type
FK = FK Type
FFK = F-form Kink
FKK = FKK Type
MT = MT Type Forming
FT = FT Type Forming
PN = PANAsert
AV = AVIsert
52A=52.4mm,
ψd=0.4±0.02mm
52B=52.4mm,
ψd=0.45±0.02mm
52C=52.4mm,
ψd=0.5±0.02mm
52G=52.4mm,
ψd ≥ 0.6mm
52H=52.4mm, non-painting on soldering spots
73G = 73mm,
ψd ≥ 0.6mm
Note: 26mm,52.4mm and 73mm represent dimension A of the axial type,
please refer to the category of AXIAL/REEL TAPE SPECIFICATION for the
detail.
(7) RESISTANCE VALUE
E24 & E96 & E192 Series
Example:
5M1 = 5,1
00,000Ω, 10M = 10,000,000Ω, 20M = 10,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com