Electronic Components Datasheet Search
  English  ▼

X  

MFR Datasheet(PDF) 2 Page - YAGEO Corporation

Part # MFR
Description  METAL FILM RESISTORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFR Datasheet(HTML) 2 Page - YAGEO Corporation

  MFR Datasheet HTML 1Page - YAGEO Corporation MFR Datasheet HTML 2Page - YAGEO Corporation MFR Datasheet HTML 3Page - YAGEO Corporation MFR Datasheet HTML 4Page - YAGEO Corporation MFR Datasheet HTML 5Page - YAGEO Corporation MFR Datasheet HTML 6Page - YAGEO Corporation MFR Datasheet HTML 7Page - YAGEO Corporation MFR Datasheet HTML 8Page - YAGEO Corporation MFR Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.yageo.com
Apr. 03, 2024
V.4
Metal Film Resistors
2
17
Product Specification
MFR
Through Hole Resistors
APPLICATIONS
 All general purpose
applications
 Power applications
EATURES
 AEC-Q200 qualified
 Wide resistance range
 PPAP ready
(MFR-25/MFR50S/MFR-50)
 High stability
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the general purpose metal film resistor are identified by
the series, power rating, tolerance, packing, temperature coefficient,
forming and resistance value.
PART NUMBER
MFR
200
F
T
F
73-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
MFR Series
(2) POWER RATING
-12 = 1/6W
25S = 1/4W
-25 = 1/4W
50S = 1/2W
-50 = 1/2W
100 = 1W
2WS = 2W
200 = 2W
3WS = 3W
1WS = 1W
(3) TOLERANCE
D = ±0.5%
J = ±5%
F = ±1%
G = ±2%
(4) PACKAGING
R = Reel Pack
T = Box Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
E=±50ppm/°C
F=±100ppm/°C
- = Based on spec
(6) FORMING
26- = 26mm
52- = 52.4mm
73- = 73mm
M = M-Type Forming
MB = M-form W/fla
52A=52.4mm,
ψd 0.4±0.02mm
52B=52.4mm,
ψd 0.45±0.02mm
F = F Type
FK = FK Type
FFK = F-form Kink
FKK = FKK Type
MT = MT Type Forming
FT = FT Type Forming
PN = PANAsert
52C=52.4mm,
ψd 0.5±0.02mm
AV = AVIsert
52G=52.4mm,
ψd ≥ 0.6mm
FB-= FB- Type (for -25&50S)
52H=52.4mm , non-painting on soldering spots
Note: 26mm,52.4mm and 73mm represent dimension A of the axial type,
please refer to the category of AXIAL/REEL TAPE SPECIFICATION for the
detail.
(7) RESISTANCE VALUE
E24 & E96 & E192 Series
Example:
100R = 100
Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com