Electronic Components Datasheet Search
  English  ▼

X  

D01971 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D01971
Description  25 Piece Storage Bin Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D01971 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D01971 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
01/09/14
25 Piece Storage Bin Set
Features
• High grade polypropylene bins
Sizes: (HxWxD)
• 12 × Small bins (75 × 100 × 110mm)
• 6 × Medium bins (75 × 100 × 160mm)
• 6 × Large bins (75 × 100 × 210mm)
Specifications:
Enclosure Material
: Plastic
External Height - Metric
: 380mm
External Width - Metric
: 630mm
External Depth
: 10mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Storage Bin Set, 25PC
D01971
Descriptions:
A wall mount storage units for the workshop. The pack is supplied with
3 sizes of bins and a steel back panel.


Similar Part No. - D01971

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D01972 DURATOOL-D01972 Datasheet
146Kb / 1P
Funnel
27/08/14 V1.0
More results

Similar Description - D01971

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
STORAGE CONTAINERS
38907 ETC2-38907 Datasheet
196Kb / 1P
Plastek Open Bin Boxes
logo
Wurth Elektronik GmbH &...
74406032010 WURTH-74406032010 Datasheet
324Kb / 5P
Storage Temperature
logo
TE Connectivity Ltd
C-1-528041-5 TEC-C-1-528041-5 Datasheet
140Kb / 3P
DIE SET SHIELD CRIMP)HVP800 90DEG. 25 SQMM
C-528041-3 TEC-C-528041-3 Datasheet
201Kb / 3P
DIE SET IPT-VW WIRE CRIMP 25 SQMM
logo
NEC
D4 NEC-D4 Datasheet
880Kb / 2P
SAN STORAGE
logo
SparkFun Electronics
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
logo
Advantech Co., Ltd.
AMIS-810 ADVANTECH-AMIS-810 Datasheet
168Kb / 1P
RFID Based Bin Setting Station
22-Jun-2022
logo
KISTLER INSTRUMENT CORP...
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
logo
FIBOX Enclosing innovat...
6300004 FIBOX-6300004 Datasheet
60Kb / 1P
Grey screw set, High cover (25-100 mm)
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com