Electronic Components Datasheet Search
  English  ▼

X  

4920 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4920
Description  VHB™ Tape Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4920 Datasheet(HTML) 2 Page - 3M Electronics

  4920 Datasheet HTML 1Page - 3M Electronics 4920 Datasheet HTML 2Page - 3M Electronics 4920 Datasheet HTML 3Page - 3M Electronics 4920 Datasheet HTML 4Page - 3M Electronics 4920 Datasheet HTML 5Page - 3M Electronics 4920 Datasheet HTML 6Page - 3M Electronics 4920 Datasheet HTML 7Page - 3M Electronics 4920 Datasheet HTML 8Page - 3M Electronics 4920 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 2 -
Typical Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Tape Thickness
Inches (mm) Tolerance
Adhesive
Type
Foam
Type
Density
lb/ft3 (kg/m3)
Thickness
Type
Inches (mm)
Color
Family
Number
Color
3M™ VHB™ Tapes
Adhesive and Foam
Release Liner
4914
White
0.010 (0.25) ± 15%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4920
White
0.015 (0.4) ± 15%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4929
Black
0.025 (0.6) ± 15%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4930
White
0.025 (0.6) ± 15%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4930F
White
0.025 (0.6) ± 15%
Gen Purp
Firm
50 (800)
PE Film
0.005 (0.13)
Red
4949
Black
0.045 (1.1) ± 10%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4950
White
0.045 (1.1) ± 10%
Gen Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4955
White
0.080 (2.0) ± 10%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4959
White
0.120 (3.0) ± 10%
Gen Purp
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4959F
White
0.120 (3.0) ± 10%
Gen Purp
Firm
50 (800)
PE Film
0.005 (0.13)
Red
4945
White
0.045 (1.1) ± 10%
Multi-Purp
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4946
White
0.045 (1.1) ± 10%
Multi-Purp
Firm
50 (800)
PE Film
0.005 (0.13)
Clear
4905
Clear
0.020 (0.5) ± 15%
Gen Purp
Sollid
60 (960)
PE Film
0.005 (0.13)
Red (printed)
4910
Clear
0.040 (1.0) ± 10%
Gen Purp
Sollid
60 (960)
PE Film
0.005 (0.13)
Red (printed)
4951
White
0.045 (1.1) ± 10%
Low Temp Appl
Firm
50 (800)
Polyester
0.002 (0.05)
Clear
4943F
Gray
0.045 (1.1) ± 10%
Low Temp Appl
Conform
45 (720)
Polyester
0.002 (0.05)
Clear
4957F
Gray
0.062 (1.6) ± 10%
Low Temp Appl
Conform
45 (720)
Polyester
0.002 (0.05)
Clear
4611
Dk Gray
0.045 (1.1) ± 10%
Gen Purp
Firm
52 (840)
PE Film
0.005 (0.13)
Red
4646
Dk Gray
0.025 (0.6) ± 15%
Gen Purp
Firm
52 (840)
PE Film
0.005 (0.13)
Red
4655
Dk Gray
0.062 (1.6) ± 10%
Gen Purp
Firm
52 (840)
PE Film
0.005 (0.13)
Red
4618
White
0.025 (0.6) ± 15%
Gen/Multi Purp
Conform
45 (720)
PE Film
0.004 (0.10)
Green
4622
White
0.045 (1.1) ± 10%
Gen/Multi Purp
Conform
45 (720)
PE Film
0.004 (0.10)
Green
4624
White
0.062 (1.6) ± 10%
Gen/Multi Purp
Conform
45 (720)
PE Film
0.004 (0.10)
Green
4932
White
0.025 (0.6) ± 15%
LSE
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
4952
White
0.045 (1.1) ± 10%
LSE
Firm
50 (800)
DK Paper
0.003 (0.08)
White (printed)
3M™ VHB™ Tape Specialty Tapes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com