Electronic Components Datasheet Search
  English  ▼

X  

4929 Datasheet(PDF) 7 Page - 3M Electronics

Part # 4929
Description  VHB™ Tape Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4929 Datasheet(HTML) 7 Page - 3M Electronics

  4929 Datasheet HTML 1Page - 3M Electronics 4929 Datasheet HTML 2Page - 3M Electronics 4929 Datasheet HTML 3Page - 3M Electronics 4929 Datasheet HTML 4Page - 3M Electronics 4929 Datasheet HTML 5Page - 3M Electronics 4929 Datasheet HTML 6Page - 3M Electronics 4929 Datasheet HTML 7Page - 3M Electronics 4929 Datasheet HTML 8Page - 3M Electronics 4929 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 7 -
Use the right tape thickness: The necessary thickness of tape depends on the rigidity of substrates and their flatness
irregularity. While the 3M™ VHB™ Tapes will conform to a certain amount of irregularity, they will not flow to fill gaps between
the materials. For bonding rigid materials with normal flatness, consider use of tapes with thickness of 45 mils (1.1 mm) or
greater. As the substrate flexibility increases thinner tapes can be considered.
Use the right amount of tape: Because 3M™ VHB™ Tapes are viscoelastic by nature their strength and stiffness is a function
of the rate at which they are stressed. They behave stronger with relatively faster rate of stress load (dynamic stresses) and
will tend to show creep behavior with stress load acting over a long period of time (static stresses). As a general rule, for
static
loads, approximately four square inches of tape should be used for each pound of weight to be supported in order to prevent
excessive creep. For
dynamic loads, the dynamic performance characteristics provided on page 4 should be useful, factoring in
the appropriate safety factors.
Allow for thermal expansion/contraction: 3M™ VHB™ Tapes can perform well in applications where two bonded surfaces
may expand and contract differentially. Assuming good adhesion to the substrates, the tapes can typically tolerate differential
movement in the shear plane up to 3 times their thickness.
Bond Flexibility: While an advantage for many applications where allowing differential movement is a benefit, the tape bonds
are typically more flexible than alternative bonding methods. Suitable design modifications or periodic use of rigid fasteners or
adhesives may be needed if additional stiffness is required.
Severe Cold Temperature: Applications which require performance at severe cold temperatures must be thoroughly evaluated
by the user if the intended use will subject the tape product to high impact stresses. A technical bulletin “3M™ VHB™ Tape Cold
Temperature Performance” (70-0707-3991-0) is available for additional information.
NOTES: There are a wide variety of formulations, surfaces finishes and surface treatments available on substrate materials which can affect adhesion. This chart is intended
to provide only a rough estimate of the adhesion levels which can be expected on some common materials relative to a reference surface such as aluminum.
Foam type can affect and/or limit maximum adhesive strength.
3M™ VHB™ Tape Specialty Tapes
Design and Tape Selection Considerations
Choose the right tape for the substrate: Adhesives must flow onto the substrate surfaces in order to achieve intimate contact
area and allow the molecular force of attraction to develop. The degree of flow of the adhesive on the substrate is largely
determined by the surface energy of the substrate.
Adhesive
High surface energy
— Substrate
Adhesive
Low surface energy
— Substrate
This illustration demonstrates the effect of surface energy on adhesive interfacial contact. High surface energy materials
draw the adhesive closer for high bond strength.
4950 Family
4945 Family
4910 Family
4951 Family
4952 Family – Adhesion to specific substrates is less dependent on surface energy
4611 Family
4622 Family
1100-400
50-42
39-38
37-36
33-18
Generally good
adhesion
Primer may be
needed for good
adhesion
(High)
(Medium)
(Low)
Surface Energy (Dynes/cm)
Aluminum
Stainless Steel
Copper
Zinc
Tin
Lead
Anodized Aluminum
Glass
Polyimide
Phenolic
Nylon
Alkyd Enamel
Polyester
Epoxy Paint
Polyurethane
ABS
Polycarbonate
PVC
PPE
Acrylic
PU Enamel
Powder Paint
PVA
Polystyrene
Acetal
PVDF Paint
Powder Paint
EVA
Polyethylene
Polypropylene
PVF
Silicone
PTFE
Relationship of Adhesion and Surface Energy for 3M™ VHB™ Tape Adhesive Families



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com