Electronic Components Datasheet Search
  English  ▼

X  

4655 Datasheet(PDF) 6 Page - 3M Electronics

Part # 4655
Description  VHB™ Tape Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4655 Datasheet(HTML) 6 Page - 3M Electronics

  4655 Datasheet HTML 1Page - 3M Electronics 4655 Datasheet HTML 2Page - 3M Electronics 4655 Datasheet HTML 3Page - 3M Electronics 4655 Datasheet HTML 4Page - 3M Electronics 4655 Datasheet HTML 5Page - 3M Electronics 4655 Datasheet HTML 6Page - 3M Electronics 4655 Datasheet HTML 7Page - 3M Electronics 4655 Datasheet HTML 8Page - 3M Electronics 4655 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
- 6 -
Additional Typical Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be used
for specification purposes.
Dielectric Constant
2.28
3.21
2.80
at 1 kHz
ASTM D150
1.99
2.68
2.43
at 1MHz
ASTM D150
Dissipation Factor
0.0227
0.0214
0.0130
at 1 kHz
ASTM D150
0.0370
0.0595
0.0564
at 1MHz
ASTM D150
Dielectric Breakdown Strength
18 (460)
25 (630)
13 (330)
V/µm (V/mil)
ASTM D140
Thermal Conductivity (k value)
0.09 (0.6)
0.16 (1.1)
0.11 (0.8)
W/mK (BTU•in/hr•ft2•°F)
Volume Resisitivity
1.5 x 1015
3.1 x 1015
1.4 x 1015
Ω-cm
ASTM D257
Surface Resisitivity
>1016
>1016
>1016
Ω/sq
ASTM D257
Water Vapor Transmission Rate
14.0
g/m2•day
ASTM F1249 at 38°C/1000% RH
Thermal Properties of Modeling
Thermal Coefficient of Expansion
180 (100)
10-6 m/m/°C (10-6 in/in/°F)
Shear Modulus (at 25°C, 1 Hz)
6 x 105
Pa
Poisson’s Ratio
0.49
3M™ VHB™ Tape
4950
4910
4611
Units
Test Standard
Test Method
• Tape between stainless steel and aluminum foil
• 72 hours dwell at room temperature
• Solvent immersion for 72 hours
• Test within 45 minutes after removing from solvent
• 90° peel angle
• 12 in/min rate of peel
• Peel adhesion compared to control
Note: Continuous submersion in chemical solutions is not recommended. The above information
is presented to show that occasional chemical contact should not be detrimental to tape
performance in most applications in ordinary use.
Solvent and Fuel Resistance
Water
Salt Water
Hydraulic Fluid
10W30 Motor Oil
Glycol Antifreeze
Kerosene
Isopropyl Alcohol
Jet Fuel
Gasoline
MEK
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
% Adhesive Retention
3M™ VHB™ Tapes
UL746C Listings - File MH 17478
Category QOQW2 Component - Polymeric Adhesive Systems, Electrical Equipment
3M™ VHB™ Tapes/
Temperature Rating
Product Families
Substrates
Minimum
Maximum
Aluminum, Galvanized Steel,
-35°C
110°C
Enameled Steel, Stainless Steel,
Ceramic, Glass/Epoxy
PBT
-35°C
90°C
ABS, Polycarbonate, Rigid PVC
-35°C
75°C
Acrylic
-35°C
90°C
Glass / Galvanized Steel
*, Glass /
-35°C
120°C
Glass
*, Galvanized Steel /
Aluminum
*, Aluminum / Aluminum*
4914, 4920, 4930,
4950
Phenolic, Aluminum, Galvanized
-35°C
110°C
Steel, Alkyd Enamel, Enameled Steel
ABS, Polycarbonate, Polyamide,
-35°C
90°C
Stainless Steel, Acrylic/Polyurethane
Paint, Polyester Paint
Unplasticized PVC
-35°C
75°C
4945
Polycarbonate, Aluminum,
-35°C
90°C
Acrylic/Polyurethane Paint
4905, 4910
Stainless Steel, Aluminum, Galvanized
-35°C
110°C
Steel, Glass, Glass/Epoxy, Phenolic
Nylon, Polycarbonate
-35°C
90°C
ABS, Rigid PVC
-35°C
75°C
4611, 4646, 4655
Outgassing
TML - Total Mass Loss
VCM - Volatile Condensible Materials
WVR - Water Vapor Regained
NASA Reference Publication, “Outgassing Data for Selecting Spacecraft Materials”, (11/18/2004)
Available online at http://outgassing.nasa.gov
3M™ VHB™ Tapes
% TML
%VCM
%WVR
4930
0.77
0.01
0.21
4932
2.41
0.66
0.23
4945
1.24
0.01
0.19
4920, 4930, 4950,
4955, 4959, 4959F
* Substrates can be used with or without primer(s)/Coating. 3M Silane Coating, 3M Adhesion Promoter 4298UV
and 3M Tape Primer 94 are used with glass substrate. 3M Primer AP111, 3M Adhesion Promoter 4298UV and
3M Tape Primer 94 are used with aluminum and galvanized steel substrates.
3M™ VHB™ Tape Specialty Tapes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com