Electronic Components Datasheet Search
  English  ▼

X  

3241069 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3241069
Description  WP-SC BRASS 27 - Cable protection end sleeve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3241069 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3241069 Datasheet HTML 1Page - PHOENIX CONTACT 3241069 Datasheet HTML 2Page - PHOENIX CONTACT 3241069 Datasheet HTML 3Page - PHOENIX CONTACT 3241069 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable protection end sleeve, material: Brass, nickel-plated, color: silver-colored, inside diameter:
21.5 mm
Commercial data
Item number
3241069
Packing unit
25 pc
Minimum order quantity
25 pc
Sales key
BF68
Product key
AF7DSA
GTIN
4046356711913
Weight per piece (including packing)
10.568 g
Weight per piece (excluding packing)
8.34 g
Customs tariff number
74122000
Country of origin
DE
WP-SC BRASS 27 - Cable protection end sleeve
3241069
https://www.phoenixcontact.com/us/products/3241069
Sep 17, 2025, 2:54AM
Page 1 (4)


Similar Part No. - 3241069

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
324106 ADELS-324106 Datasheet
124Kb / 1P
GSK 820 V/ 6 DS
logo
PHOENIX CONTACT
3241060 PHOENIX-3241060 Datasheet
198Kb / 5P
WP-G BRASS IP65 M16 - Protective hose screw
3241061 PHOENIX-3241061 Datasheet
200Kb / 5P
WP-G BRASS IP65 M20 - Protective hose screw
3241062 PHOENIX-3241062 Datasheet
194Kb / 5P
WP-G BRASS IP65 M25 - Protective hose screw connection
3241063 PHOENIX-3241063 Datasheet
193Kb / 5P
WP-G BRASS IP65 M32 - Protective hose screw connection
More results

Similar Description - 3241069

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801644 PHOENIX-0801644 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-27
09/11/2020
3240977 PHOENIX-3240977 Datasheet
47Kb / 3P
Transition sleeve from hose to cable - WP-EC TPE HF 21,2 BK
07/25/2016
3241032 PHOENIX-3241032 Datasheet
68Kb / 4P
Screw connection - WP-GT BRASS M16
09/12/2020
3241033 PHOENIX-3241033 Datasheet
68Kb / 4P
Screw connection - WP-GT BRASS M20
09/12/2020
3241050 PHOENIX-3241050 Datasheet
69Kb / 4P
Screw connection - WP-G BRASS IP40 M40
09/12/2020
3241065 PHOENIX-3241065 Datasheet
57Kb / 3P
Cable protection end sleeve - WP-SC BRASS 10
09/12/2020
3241066 PHOENIX-3241066 Datasheet
59Kb / 3P
Cable protection end sleeve - WP-SC BRASS 14
09/12/2020
3241148 PHOENIX-3241148 Datasheet
52Kb / 2P
Nut - WP-CN BRASS M20
09/12/2020
3241153 PHOENIX-3241153 Datasheet
53Kb / 2P
Nut - WP-CN BRASS PG9
09/12/2020
3241157 PHOENIX-3241157 Datasheet
52Kb / 2P
Nut - WP-CN BRASS PG29
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com