Electronic Components Datasheet Search
  English  ▼

X  

M55116/10 Datasheet(PDF) 21 Page - Amphenol PCD, Inc

Part # M55116/10
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M55116/10 Datasheet(HTML) 21 Page - Amphenol PCD, Inc

Back Button M55116/10 Datasheet HTML 17Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 18Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 19Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 20Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 21Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 22Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 23Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 24Page - Amphenol PCD, Inc M55116/10 Datasheet HTML 25Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
164F - 1836B -527 Filtered Audio Receptacle Connector
Specifications (Technical Data):
Shell and Panel Nut
Contacts
: Copper Alloy
Insulator
Shell and Panel Nut
Contacts
Insulator
Operating Voltage
Current Rating
Dielectric Breakdown
Insulation Resistance
Contact Resistance(Mated)
Air Pressure
Water Immersion
Durability
0
0
Operating Temperature Range: -55 C TO 85 C
Amphenol 164 F-1836B-527 Receptacle Mates With:
Amphenol 164-229-6 &164-229
Amphenol 164-229-6S &164-229-S
: Diallyl Pthalate Per MIL-M-14 Type MDG/Polyethersulfone
: Stainless Steel
:Sand blasted and Passivated
:0.75 Thick Gold Plate Over Nickel Undercoat 2.54
:Blue/Black
:60V Max. Potential
:0.5A Max.
:300V DC
:1000M Ohms
:0.050 Ohms Max.
:2.5 P.S.I.
:48 Hrs. At 6 Feet
:3000 Cycles Mate & Unmate
u
u
Materials
Mechanical Properties
Electrical Properties
Finish Colour
S pecialProducts
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com