Electronic Components Datasheet Search
  English  ▼

X  

HCPL3700W Datasheet(PDF) 7 Page - ON Semiconductor

Part # HCPL3700W
Description  AC/DC to Logic Interface Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL3700W Datasheet(HTML) 7 Page - ON Semiconductor

Back Button HCPL3700W Datasheet HTML 3Page - ON Semiconductor HCPL3700W Datasheet HTML 4Page - ON Semiconductor HCPL3700W Datasheet HTML 5Page - ON Semiconductor HCPL3700W Datasheet HTML 6Page - ON Semiconductor HCPL3700W Datasheet HTML 7Page - ON Semiconductor HCPL3700W Datasheet HTML 8Page - ON Semiconductor HCPL3700W Datasheet HTML 9Page - ON Semiconductor HCPL3700W Datasheet HTML 10Page - ON Semiconductor HCPL3700W Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL3700 Rev. 1.0.3
6
Typical Performance Curves (Continued)
Fig. 8 External Threshold Characteristics V+/V- vs. Rx
RX – EXTERNAL SERIES RESISTOR (kΩ)
040
80
120
160
200
240
0
50
100
150
200
250
300
Fig. 7 Logic High Supply Current vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
V+ (AC)
V- (AC)
V- (DC)
V+ (DC)
VO = OPEN
V
I
IN
CC
= 0mA
= 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com