Electronic Components Datasheet Search
  English  ▼

X  

GLDP06M2B00024 Datasheet(PDF) 2 Page - Amphenol PCD, Inc

Part # GLDP06M2B00024
Description  Magnetic, low-profile, self-aligning connector designed for soldier worn applications.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

GLDP06M2B00024 Datasheet(HTML) 2 Page - Amphenol PCD, Inc

  GLDP06M2B00024 Datasheet HTML 1Page - Amphenol PCD, Inc GLDP06M2B00024 Datasheet HTML 2Page - Amphenol PCD, Inc GLDP06M2B00024 Datasheet HTML 3Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GLADIATOR
Overview
APCD’s newest, small, lightweight, ultra flat connector designed for solider worn applications, including data sharing, battery
charging, and peripheral connectivity. Plugs and receptacles fit through MOLLE pack straps. Receptacles are designed for panel
mounting, clipped into MOLLE, or sewn into place.
• Magnetic mating orients and aligns connectors for fast, no-look mating.
• Factory adjustable engage/disengage forces to meet customer specific requirements
• Spring pins (spring probes) maintain contact through shock and vibration.
• Fluorosilicone gasket interfacial seal that seals individual contacts and the plug to receptacle.
• May be supplied cabled (flat or round) or self-terminated.
• Power and Ground Pogo pins designed for 5A continuous current
• Supports USB2.0 Data, with 90 Ω impedance
• First mate, last break, pogo contact available for ground contacts
• *Coming Soon: Multi Angle Release Gladiator with E-textile termination capability
Material
6061-T6 Aluminum
Current Rating
5A continuous
Dielectric Withstanding Voltage
120VDC
Insulation Resistance
5000MΩ at 500VDC
Operating Temperature
-50 Co to + 100 Co
Shell to Shell Resistance
< 4 mΩ
Mating Durability
5000+ Mating Cycles
De-Mate Force
3.0 to 5.0 lbs
Mechanical Vibration
MIL-STD-883 Method 2007.3 ; Test Condition A
Sealing
IP68 2m for 2hrs
Salt Spray
96 hrs
CBRN
Allows for NBC decontamination
Specifications
Pin Assignment
Pin
Specifications
Wire AWG
1
40 V @ 5amps
22 AWG
2
40 V @ 5amps
22 AWG
3
USB2.0 Data +
28 AWG
4
USB2.0 Data -
28 AWG
5
40 V @ 5amps
22 AWG
6
40 V @ 5amps
22 AWG
* Subject to change pending completion of validation test
Contact
cable_sales@amphenolpcd.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com