Electronic Components Datasheet Search
  English  ▼

X  

P4SMA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P4SMA
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4SMA Datasheet(HTML) 3 Page - Vishay Siliconix

  P4SMA Datasheet HTML 1Page - Vishay Siliconix P4SMA Datasheet HTML 2Page - Vishay Siliconix P4SMA Datasheet HTML 3Page - Vishay Siliconix P4SMA Datasheet HTML 4Page - Vishay Siliconix P4SMA Datasheet HTML 5Page - Vishay Siliconix P4SMA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P4SMA Series
www.vishay.com
Vishay General Semiconductor
Revision: 11-Jul-17
3
Document Number: 88367
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Mounted on minimum recommended pad layout
Notes
(1) AEC-Q101 qualified
(2) _A is only available for 250 V to 540 V type
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient air (1)
RθJA
120
°C/ W
Typical thermal resistance, junction to lead
RθJL
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT
(g)
VOLTAGE RANGE
(V)
PACKAGE
CODE
BASE
QUANTITY
DELIVERY MODE
UNI -
BI -
P4SMA6.8A-E3/61
0.064
6.8 to 540
6.8 to 220
61
1800
7" diameter plastic tape and reel
P4SMA6.8A-E3/5A
0.064
6.8 to 540
6.8 to 220
5A
7500
13" diameter plastic tape and reel
P4SMA6.8AHE3/61 (1)
0.064
6.8 to 220
6.8 to 220
61
1800
7" diameter plastic tape and reel
P4SMA6.8AHE3/5A (1)
0.064
6.8 to 220
6.8 to 220
5A
7500
13" diameter plastic tape and reel
P4SMA250AHE3_A/H (1)(2)
0.064
250 to 540
-
H
1800
7" diameter plastic tape and reel
P4SMA250AHE3_A/I (1)(2)
0.064
250 to 540
-
I
7500
13" diameter plastic tape and reel
P4SMA6.8A-M3/61
0.064
6.8 to 540
6.8 to 220
61
1800
7" diameter plastic tape and reel
P4SMA6.8A-M3/5A
0.064
6.8 to 540
6.8 to 220
5A
7500
13" diameter plastic tape and reel
P4SMA6.8AHM3/H (1)
0.064
6.8 to 220
6.8 to 220
H
1800
7" diameter plastic tape and reel
P4SMA6.8AHM3/I (1)
0.064
6.8 to 220
6.8 to 220
I
7500
13" diameter plastic tape and reel
P4SMA250AHM3_A/H (1)(2)
0.064
250 to 540
-
H
1800
7" diameter plastic tape and reel
P4SMA250AHM3_A/I (1)(2)
0.064
250 to 540
-
I
7500
13" diameter plastic tape and reel
0.1
1
10
100
P4SMA6.8A -
P4SMA91A
P4SMA100A -
P4SMA540A
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
td - Pulse Width (s)
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
0
25
50
75
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com