Electronic Components Datasheet Search
  English  ▼

X  

707.CF Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # 707.CF
Description  Full Plastic Tweezers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

707.CF Datasheet(HTML) 1 Page - IDEAL-TEK SA

  707.CF Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
ideal-tek.com
REV.00
Product code:
707.CF
Product type:
Full Plastic Tweezers
Made in:
Switzerland
Description:
Type 707 full Plastic tweezers are suitable to applications which require holding a very fragile
small component. The Carbon Fiber reinforced ESD Plastic provides the tweezers with ESD
and non-scratching properties.
Tip description:
straight, fine, short
Body material:
Plastic reinforced with Carbon Fiber (CF)
Picture:
Tweezer dimensions:
OAL
115.0 mm – 4.528 inch
Width
11.5 mm – 0.453 inch
Height
13.0 mm – 0.512 inch
a
Tip dimensions:
Tip width
0.40 mm – 0.016 inch
Tip thickness 0.60 mm – 0.024 inch
Tip details:


Similar Part No. - 707.CF

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
707.DG IDEAL-TEK-707.DG Datasheet
380Kb / 1P
Full Plastic Tweezers
REV.00
More results

Similar Description - 707.CF

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
242BCCFR.SA.1 IDEAL-TEK-242BCCFR.SA.1 Datasheet
453Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
242CCFR.SA.1 IDEAL-TEK-242CCFR.SA.1 Datasheet
440Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
249CCFR.SA.1 IDEAL-TEK-249CCFR.SA.1 Datasheet
456Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
259CCFR.SA.1 IDEAL-TEK-259CCFR.SA.1 Datasheet
439Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 02.12.2022
277CCFR.SA.1 IDEAL-TEK-277CCFR.SA.1 Datasheet
453Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
3CCFR.SA.1 IDEAL-TEK-3CCFR.SA.1 Datasheet
459Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com