Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATT Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 47Page - NXP Semiconductors PCF8545ATT Datasheet HTML 48Page - NXP Semiconductors PCF8545ATT Datasheet HTML 49Page - NXP Semiconductors PCF8545ATT Datasheet HTML 50Page - NXP Semiconductors PCF8545ATT Datasheet HTML 51Page - NXP Semiconductors PCF8545ATT Datasheet HTML 52Page - NXP Semiconductors PCF8545ATT Datasheet HTML 53Page - NXP Semiconductors PCF8545ATT Datasheet HTML 54Page - NXP Semiconductors PCF8545ATT Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
51 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
[1]
The minimum SCL clock frequency is limited by the bus time-out feature, which resets the serial bus interface if either the SDA or SCL
is held LOW for a minimum of 25 ms. The bus time-out feature must be disabled for DC operation.
[2]
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA output LOW.
[3]
tVD;DAT = minimum time for valid SDA output following SCL LOW.
[4]
Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
Fig 42. RESET timing
Table 35.
Timing characteristics: I2C-bus
VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = 40 C to +85 C; unless otherwise specified. All timing values are valid within the
operating supply voltage and temperature range and referenced to VIL and VIH with an input voltage swing of VSS to VDD.
Timing waveforms see Figure 43.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pin SCL
fSCL
SCL clock frequency
[1] --
400
kHz
tLOW
LOW period of the SCL clock
1.3
-
-
s
tHIGH
HIGH period of the SCL clock
0.6
-
-
s
Pin SDA
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
Pins SCL and SDA
tBUF
bus free time between a STOP
and START condition
1.3
-
-
s
tSU;STO
set-up time for STOP condition
0.6
-
-
s
tHD;STA
hold time (repeated) START
condition
0.6
-
-
s
tSU;STA
set-up time for a repeated START
condition
0.6
-
-
s
tr
rise time of both SDA and SCL
signals
fSCL = 400 kHz
-
-
0.3
s
fSCL = 100 kHz
-
-
1.0
s
tf
fall time of both SDA and SCL
signals
--
0.3
s
tVD;ACK
data valid acknowledge time
[2] 0.6
-
-
s
tVD;DAT
data valid time
[3] 0.6
-
-
s
Cb
capacitive load for each bus line
-
-
400
pF
tSP
pulse width of spikes that must be
suppressed by the input filter
[4] --
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com