Electronic Components Datasheet Search
  English  ▼

X  

D00522 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D00522
Description  Masonry Drill Bits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D00522 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D00522 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Dia (mm)
Length
Order Code
3.0
65mm
151-7730
4.0
70mm
151-7731
5.0
80mm
151-7732
5.5
80mm
151-7733
6.0
100mm
151-7734
6.5
100mm
151-7735
7.0
110mm
151-7736
8.0
125mm
151-7737
10.0
125mm
151-7738
12.0
140mm
151-7741
14.0
140mm
151-7742
16.0
140mm
151-7743
18.0
160mm
151-7744
20.0
160mm
151-7745
5.0
150mm
151-7746
5.5
150mm
151-7747
6.0
150mm
151-7748
6.5
150mm
151-7749
7.0
150mm
151-7750
8.0
150mm
151-7751
10.0
150mm
151-7753
Masonry Drill Bits
Ì Hard alloy
Ì For drilling concrete, wallboard, stone, brick and slate
Ì For use in electric drills
Ì Some sizes available in a longer length
494483.473710


Similar Part No. - D00522

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D00505 DURATOOL-D00505 Datasheet
53Kb / 1P
HSS Jobber Drill Bit Sets
D00533 DURATOOL-D00533 Datasheet
26Kb / 1P
SDS Drill Bits
D00534 DURATOOL-D00534 Datasheet
26Kb / 1P
SDS Drill Bits
D00535 DURATOOL-D00535 Datasheet
26Kb / 1P
SDS Drill Bits
D00536 DURATOOL-D00536 Datasheet
26Kb / 1P
SDS Drill Bits
More results

Similar Description - D00522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
MN2525 ETC2-MN2525 Datasheet
29Kb / 1P
Masonry Nails
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C09 ROSENBERGER-60W010-C09 Datasheet
200Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C06 ROSENBERGER-60W010-C06 Datasheet
167Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
List of Unclassifed Man...
DT7926-XJ ETC1-DT7926-XJ Datasheet
110Kb / 2P
EXTREME 2??Metal Drill Bit Sets
logo
SparkFun Electronics
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com