Electronic Components Datasheet Search
  English  ▼

X  

PCF8545BTT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8545BTT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545BTT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8545BTT Datasheet HTML 5Page - NXP Semiconductors PCF8545BTT Datasheet HTML 6Page - NXP Semiconductors PCF8545BTT Datasheet HTML 7Page - NXP Semiconductors PCF8545BTT Datasheet HTML 8Page - NXP Semiconductors PCF8545BTT Datasheet HTML 9Page - NXP Semiconductors PCF8545BTT Datasheet HTML 10Page - NXP Semiconductors PCF8545BTT Datasheet HTML 11Page - NXP Semiconductors PCF8545BTT Datasheet HTML 12Page - NXP Semiconductors PCF8545BTT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
9 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.1.3.2
Line inversion (driving scheme A) and frame inversion (driving scheme B)
The DC offset of the voltage across the LCD is compensated over a certain period:
line-wise in line inversion mode (driving scheme A) or frame-wise in frame inversion mode
(driving scheme B). With the INV bit (see Table 8), the compensation mode can be
switched.
In frame inversion mode, the DC value is compensated across two frames and not within
one frame. Changing the inversion mode to frame inversion reduces the power
consumption; therefore it is useful when power consumption is a key point in the
application.
Frame inversion may not be suitable for all applications. The RMS voltage across a
segment is better defined; however, since the switching frequency is reduced, there is
possibility for flicker to occur.
The waveforms of Figure 14 on page 24 to Figure 17 on page 27 are showing line
inversion mode. Figure 18 on page 28 shows an example of frame inversion.
8.1.3.3
Power-down mode
The power-down bit (PD) allows the PCF8545 to be put in a minimum power
configuration. To avoid display artifacts, enter power-down only after the display has been
switched off by setting bit E to logic 0. During power-down, the internal oscillator is
switched off.
Fig 5.
Effect of backplane swapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com