Electronic Components Datasheet Search
  English  ▼

X  

PCF8545 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 18Page - NXP Semiconductors PCF8545 Datasheet HTML 19Page - NXP Semiconductors PCF8545 Datasheet HTML 20Page - NXP Semiconductors PCF8545 Datasheet HTML 21Page - NXP Semiconductors PCF8545 Datasheet HTML 22Page - NXP Semiconductors PCF8545 Datasheet HTML 23Page - NXP Semiconductors PCF8545 Datasheet HTML 24Page - NXP Semiconductors PCF8545 Datasheet HTML 25Page - NXP Semiconductors PCF8545 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
22 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Discrimination is a term which is defined as the ratio of the on and off RMS voltage across
a segment. It can be thought of as a measurement of contrast.
[1]
Determined from Equation 5.
[2]
Determined from Equation 4.
[3]
In these examples, the discrimination factor and hence the contrast ratios are smaller. The advantage of
these LCD drive modes is a reduction of the LCD voltage VLCD.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth(off)), typically when the LCD exhibits approximately 10 % contrast.
Bias is calculated by
, where the values for a are
a = 1 for 1⁄2 bias
a = 2 for 1⁄3 bias
a = 3 for 1⁄4 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 3
(3)
where VLCD is the resultant voltage at the LCD segment and where the values for n are
n = 4 for 1:4 multiplex drive
n = 6 for 1:6 multiplex drive
n = 8 for 1:8 multiplex drive
The RMS off-state voltage (Voff(RMS)) for the LCD is calculated with Equation 4:
(4)
Discrimination is the ratio of Von(RMS) to Voff(RMS) and is determined from Equation 5:
Table 23.
Preferred LCD drive modes: summary of characteristics
LCD multiplex
drive mode
Number of:
LCD bias
configuration
[1]
VLCD[2]
Backplanes
Levels
1:4 [3]
43
1⁄2
0.433
0.661
1.527
2.309Voff(RMS)
1:4
4
4
1⁄3
0.333
0.577
1.732
3.0Voff(RMS)
1:4 [3]
45
1⁄4
0.331
0.545
1.646
3.024Voff(RMS)
1:6 [3]
63
1⁄2
0.456
0.612
1.341
2.191Voff(RMS)
1:6
6
4
1⁄3
0.333
0.509
1.527
3.0Voff(RMS)
1:6
6
5
1⁄4
0.306
0.467
1.527
3.266Voff(RMS)
1:8 [3]
83
1⁄2
0.467
0.586
1.254
2.138Voff(RMS)
1:8 [3]
84
1⁄3
0.333
0.471
1.414
3.0Voff(RMS)
1:8
8
5
1⁄4
0.293
0.424
1.447
3.411Voff(RMS)
V
off RMS

V
LCD
-----------------------
V
on RMS

V
LCD
----------------------
D
V
on RMS

V
off RMS

-----------------------
=
1
1a
+
-------------
V
on RMS

a2
2a
n
++
n
1a
+

2
------------------------------
V
LCD
=
V
off RMS

a2
2a
–
n
+
n
1a
+

2
------------------------------
V
LCD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com