Electronic Components Datasheet Search
  English  ▼

X  

STM1831 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 5Page - STMicroelectronics STM1831 Datasheet HTML 6Page - STMicroelectronics STM1831 Datasheet HTML 7Page - STMicroelectronics STM1831 Datasheet HTML 8Page - STMicroelectronics STM1831 Datasheet HTML 9Page - STMicroelectronics STM1831 Datasheet HTML 10Page - STMicroelectronics STM1831 Datasheet HTML 11Page - STMicroelectronics STM1831 Datasheet HTML 12Page - STMicroelectronics STM1831 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STM1831
Typical operating characteristics
Doc ID 18180 Rev 1
9/24
3
Typical operating characteristics
Figure 6.
Supply current vs. sense voltage, VCC = 3.0 V, VDET = 2.0 V
Figure 7.
Supply current vs. input voltage, VSEN = 1.9 V (RST asserted)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
012
3456
Sense voltage, VSEN (V)
TA = –40 °C
TA = 25 °C
TA = 85 °C
AM04965v1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01
234
5
Supply voltage, VCC (V)
6
TA = -40°C
TA = 25°C
TA = 85°C
AM04966v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com