Electronic Components Datasheet Search
  English  ▼

X  

STM32G030K8 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32G030K8
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030K8 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32G030K8 Datasheet HTML 26Page - STMicroelectronics STM32G030K8 Datasheet HTML 27Page - STMicroelectronics STM32G030K8 Datasheet HTML 28Page - STMicroelectronics STM32G030K8 Datasheet HTML 29Page - STMicroelectronics STM32G030K8 Datasheet HTML 30Page - STMicroelectronics STM32G030K8 Datasheet HTML 31Page - STMicroelectronics STM32G030K8 Datasheet HTML 32Page - STMicroelectronics STM32G030K8 Datasheet HTML 33Page - STMicroelectronics STM32G030K8 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
Pinouts, pin description and alternate functions
STM32G030x6/x8
30/94
DS12991 Rev 1
Figure 5. STM32G030Fx TSSOP20 pinout
Figure 6. STM32G030Jx SO8N pinout
MSv47963V1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
PB7/PB8
VDD/VDDA
PA1
NRST
PB3/PB4/PB5/PB6
PA13
PA5
PA6
PA7
PB0/PB1/PB2/PA8
12
11
9
10
PA3
PA15/PA14-BOOT0
VSS/VSSA
PA4
PB9/PC14-OSC32_IN
PC15-OSC32_OUT
PA11[PA9]
PA12[PA10]
PA0
PA2
Top view
MSv47964V1
1
2
3
4
8
7
6
5
PB7/PB8/PB9/PC14-OSC32_IN
PA0/PA1/PA2/NRST
PB5/PB6/PA14-BOOT0/PA15
PA12[PA10]
PA13
VDD/VDDA
VSS/VSSA
PA8/PA11[PA9]/PB0/PB1
Top view
Table 11. Terms and symbols used in Table 12
Column
Symbol
Definition
Pin name
Terminal name corresponds to its by-default function at reset, unless otherwise specified in
parenthesis under the pin name.
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
RST
Bidirectional reset pin with embedded weak pull-up resistor
Options for FT I/Os
_f
I/O, Fm+ capable
_a
I/O, with analog switch function
_e
I/O, with switchable diode to VDD
Note
Upon reset, all I/Os are set as analog inputs, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94