Electronic Components Datasheet Search
  English  ▼

X  

INA110KP Datasheet(PDF) 6 Page - Texas Instruments

Part # INA110KP
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA110KP Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA110KP Datasheet HTML 2Page - Texas Instruments INA110KP Datasheet HTML 3Page - Texas Instruments INA110KP Datasheet HTML 4Page - Texas Instruments INA110KP Datasheet HTML 5Page - Texas Instruments INA110KP Datasheet HTML 6Page - Texas Instruments INA110KP Datasheet HTML 7Page - Texas Instruments INA110KP Datasheet HTML 8Page - Texas Instruments INA110KP Datasheet HTML 9Page - Texas Instruments INA110KP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
INA110
6
SBOS147A
www.ti.com
OUTPUT NOISE VOLTAGE vs FREQUENCY
1000
500
200
100
50
20
10
Frequency (Hz)
10
1k
1
10k
100
0
Gain (V/V)
SETTLING TIME vs GAIN
(0.01%, 20V Step)
100
11k
20
15
10
5
10
0
Frequency (Hz)
POWER SUPPLY REJECTION vs FREQUENCY
1
120
100
80
60
40
20
10
100
1k
10k
100k
1M
G = 500
G = 200
G = 100
G = 10
G = 1
0
Frequency (Hz)
CMR vs FREQUENCY
1
120
100
80
60
40
20
10
100
1k
10k
100k
1M
G = 500
G = 200
G = 100
G = 10
G = 1
TYPICAL CHARACTERISTICS (Cont)
At TA = +25°C and ±VCC = 15VDC, unless otherwise noted.
Time (µs)
SMALL SIGNAL TRANSIENT RESPONSE
(G = 100)
10
100
0
–100
020
Time (µs)
LARGE SIGNAL TRANSIENT RESPONSE
(G = 100)
10
10
0
–10
020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com