Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/250 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA169NA/250
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA169NA/250 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA169NA/250 Datasheet HTML 9Page - Texas Instruments INA169NA/250 Datasheet HTML 10Page - Texas Instruments INA169NA/250 Datasheet HTML 11Page - Texas Instruments INA169NA/250 Datasheet HTML 12Page - Texas Instruments INA169NA/250 Datasheet HTML 13Page - Texas Instruments INA169NA/250 Datasheet HTML 14Page - Texas Instruments INA169NA/250 Datasheet HTML 15Page - Texas Instruments INA169NA/250 Datasheet HTML 16Page - Texas Instruments INA169NA/250 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
INA139, INA169
www.ti.com
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Selecting RS and RL
In Figure 9 the value selected for the shunt resistor ( RS) depends on the application and is a compromise
between small-signal accuracy and maximum permissible voltage loss in the measurement line. High values of
RS provide better accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize
voltage loss in the supply line. For most applications, best performance is attained with an RS value that provides
a full-scale shunt voltage of 50 mV to 100 mV; maximum input voltage for accurate measurements is 500 mV.
RL is selected to provide the desired full-scale output voltage. The output impedance of the INA139 and INA169
OUT terminal is very high, which permits using values of RL up to 100 kΩ with excellent accuracy. The input
impedance of any additional circuitry at the output must be much higher than the value of RL to avoid degrading
accuracy.
Some analog-to-digital converters (ADCs) have input impedances that significantly affect measurement gain. The
input impedance of the ADC can be included as part of the effective RL if the input can be modeled as a resistor
to ground. Alternatively, an operational amplifier can be used to buffer the ADC input, as shown in Figure 10. The
INA139 and INA169 are current output devices, and have an inherently large output impedance. The output
currents from the amplifier are converted to an output voltage through the load resistor (RL) connected from the
amplifier output to ground. The ratio of the load resistor value to that of the internal resistor value determines the
voltage gain of the system.
In many applications, digitizing the output of the INA139 or INA169 devices is required. This is accomplished by
connecting the output of the amplifier to an ADC. It is very common for an ADC to have a dynamic input
impedance. If the INA139 or INA169 output is connected directly to an ADC input, the input impedance of the
ADC is effectively connected in parallel with the gain setting resistor (RL.) This parallel impedance combination
affects the gain of the system and the impact on the gain is difficult to estimate accurately. A simple solution that
eliminates the paralleling of impedances, simplifying the gain of the circuit is to place a buffer amplifier (such as
the OPA340) between the output of the INA139 or INA169 devices and the input to the ADC.
Figure 10 illustrates this concept. A low-pass filter can be placed between the OPA340 output and the input to
the ADC. The filter capacitor is required to provide any instantaneous demand for current required by the input
stage of the ADC. The filter resistor is required to isolate the OPA340 output from the filter capacitor to maintain
circuit stability. The values for the filter components vary according to the operational amplifier used for the buffer
and the particular ADC selected. For more information regarding the design of the low-pass filter, see the 16-bit
1-MSPS Data Acquisition Reference Design for Single-Ended Multiplexed Applications TI Precision Design.
Figure 11 shows the expected results when driving an analog-to-digital converter at 1 MSPS with and without
buffering the INA139 or INA169 output. Without the buffer, the high impedance of the INA139 or INA169 reacts
with the input capacitance and sample and hold (S/H) capacitance of the analog-to-digital converter and does not
allow the S/H to reach the correct final value before the S/H resets and the next conversion starts. Adding the
buffer amplifier significantly reduces the output impedance driving the S/H and allows for higher conversion rates
than can be achieved without adding the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com