Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K.A Datasheet(PDF) 2 Page - Texas Instruments

Part # INA169NA/3K.A
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA169NA/3K.A Datasheet(HTML) 2 Page - Texas Instruments

  INA169NA/3K.A Datasheet HTML 1Page - Texas Instruments INA169NA/3K.A Datasheet HTML 2Page - Texas Instruments INA169NA/3K.A Datasheet HTML 3Page - Texas Instruments INA169NA/3K.A Datasheet HTML 4Page - Texas Instruments INA169NA/3K.A Datasheet HTML 5Page - Texas Instruments INA169NA/3K.A Datasheet HTML 6Page - Texas Instruments INA169NA/3K.A Datasheet HTML 7Page - Texas Instruments INA169NA/3K.A Datasheet HTML 8Page - Texas Instruments INA169NA/3K.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
INA139, INA169
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Applications ............................................... 12
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Related Links ........................................................ 20
11.2
Community Resources.......................................... 20
11.3
Trademarks ........................................................... 20
11.4
Electrostatic Discharge Caution ............................ 20
11.5
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (December 2015) to Revision F
Page
•
Changed INA139 maximum temperature specification from +85°C to +125°C in Description section ................................. 1
•
Changed INA139 device maximum temperature specification from +85°C to +125°C in Description section ...................... 1
•
Updated Typical Application Circuit graphic on front page with 2017 copyright ................................................................... 1
•
Updated pinout diagram in Pin Configurations and Functions section .................................................................................. 3
•
Reformatted Recommended Operating Conditions table ...................................................................................................... 4
•
Changed common-mode rejection minimum value from 100 dB to 99 dB in the Electrical Characteristics table ................. 6
•
Changed offset voltage maximum value from ±1 mV to ±1.5 mV in the Electrical Characteristics table............................... 6
•
Changed INA139 nonlinearity error maximum value from ±0.1% to ± 0.13% in the Electrical Characteristics table ............ 6
•
Changed maximum value of INA139 temperature range specification from 85°C to 125°C in the Electrical
Characteristics table ............................................................................................................................................................... 6
•
Added updated copyright statement to Functional Block Diagram ....................................................................................... 9
Changes from Revision D (November 2005) to Revision E
Page
•
Changed ESD Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com