Electronic Components Datasheet Search
  English  ▼

X  

ISO3086DW Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO3086DW
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3086DW Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO3086DW Datasheet HTML 16Page - Texas Instruments ISO3086DW Datasheet HTML 17Page - Texas Instruments ISO3086DW Datasheet HTML 18Page - Texas Instruments ISO3086DW Datasheet HTML 19Page - Texas Instruments ISO3086DW Datasheet HTML 20Page - Texas Instruments ISO3086DW Datasheet HTML 21Page - Texas Instruments ISO3086DW Datasheet HTML 22Page - Texas Instruments ISO3086DW Datasheet HTML 23Page - Texas Instruments ISO3086DW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
8.3 Feature Description
Table 8-1 provides an overview of the device features.
Table 8-1. Device Features
DEVICE
RATED ISOLATION(1)
TYPE
DATA RATE
ISO3080
4000 VPK / 2500 VRMS
Full-duplex
200 kbps
ISO3086
4000 VPK / 2500 VRMS
Full-duplex
20 Mbps
ISO3082
4000 VPK / 2500 VRMS
Half-duplex
200 kbps
ISO3088
4000 VPK / 2500 VRMS
Half-duplex
20 Mbps
(1)
See Safety-Related Certifications table for detailed isolation ratings.
8.4 Device Functional Modes
Table 8-2 lists the driver functional modes and Table 8-3 lists the receiver functional modes.
Table 8-2. Driver Function Table(1)
VCC1
VCC2
INPUT
(D)
ENABLE INPUT
(DE)
OUTPUTS(1)
Y / A
Z / B
PU
PU
H
H
H
L
PU
PU
L
H
L
H
PU
PU
X
L
Hi-Z
Hi-Z
PU
PU
X
OPEN
Hi-Z
Hi-Z
PU
PU
OPEN
H
H
L
PD
PU
X
X
Hi-Z
Hi-Z
PU
PD
X
X
Hi-Z
Hi-Z
PD
PD
X
X
Hi-Z
Hi-Z
(1)
Driver output pins are Y and Z for full-duplex devices and A and B for half-duplex devices.
Table 8-3. Receiver Function Table(1)
VCC1
VCC2
DIFFERENTIAL INPUT
VID = (VA – VB)
ENABLE
( RE)
OUTPUT
(R)
PU
PU
–0.01 V ≤ VID
L
H
PU
PU
–0.2 V < VID < –0.01 V
L
?
PU
PU
VID ≤ –0.2 V
L
L
PU
PU
X
H
Hi-Z
PU
PU
X
OPEN
Hi-Z
PU
PU
Open circuit
L
H
PU
PU
Short circuit
L
H
PU
PU
Idle (terminated) bus
L
H
PD
PU
X
X
Hi-Z
PU
PD
X
L
H
(1)
PU = Powered Up; PD = Powered Down; H = Logic High; L= Logic Low; X = Irrelevant, Hi-Z = High Impedance (off), ? = Indeterminate
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com