Electronic Components Datasheet Search
  English  ▼

X  

ISO7520CDW Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7520CDW
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520CDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7520CDW Datasheet HTML 5Page - Texas Instruments ISO7520CDW Datasheet HTML 6Page - Texas Instruments ISO7520CDW Datasheet HTML 7Page - Texas Instruments ISO7520CDW Datasheet HTML 8Page - Texas Instruments ISO7520CDW Datasheet HTML 9Page - Texas Instruments ISO7520CDW Datasheet HTML 10Page - Texas Instruments ISO7520CDW Datasheet HTML 11Page - Texas Instruments ISO7520CDW Datasheet HTML 12Page - Texas Instruments ISO7520CDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
VOL − Low-Level Output Voltage − V
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
VCC1, VCC2 at 3.3 V
G008
VCC1, VCC2 at 5 V
TA = 25°C
TA − Free-Air Temperature − °C
2.52
2.53
2.54
2.55
2.56
2.57
2.58
2.59
2.60
2.61
2.62
−55
−35
−15
5
25
45
65
85
105
125
G006
FS+
FS−
VOH − High-Level Output Voltage − V
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
6
VCC1, VCC2 at 3.3 V
G007
VCC1, VCC2 at 5 V
TA = 25°C
ISO7520C, ISO7521C
www.ti.com
SLLSE39E – JUNE 2010 – REVISED MAY 2015
6.13 Switching Characteristics: VCC1 and VCC2 at 3.3 V ± 5%
VCC1 and VCC2 at 3.3 V ±5%, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 4
12
20
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
1
5
ns
tsk(pp)
Part-to-part skew time
6.8
ns
tsk(o)
Channel-to-channel output skew time
5.5
ns
tr
Output signal rise time
2
ns
See Figure 4
tf
Output signal fall time
2
ns
tfs
Fail-safe output delay time from input power loss
See Figure 5
6
µs
(1)
Also known as pulse skew.
6.14 Typical Characteristics
Figure 1. Fail-Safe Voltage Threshold vs Free-Air
Figure 2. High-Level Output Current vs High-Level Output
Temperature
Voltage
Figure 3. Low-Level Output Current vs Low-Level Output Voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com