Electronic Components Datasheet Search
  English  ▼

X  

LM2103DR Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2103DR
Description  LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2103DR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2103DR Datasheet HTML 8Page - Texas Instruments LM2103DR Datasheet HTML 9Page - Texas Instruments LM2103DR Datasheet HTML 10Page - Texas Instruments LM2103DR Datasheet HTML 11Page - Texas Instruments LM2103DR Datasheet HTML 12Page - Texas Instruments LM2103DR Datasheet HTML 13Page - Texas Instruments LM2103DR Datasheet HTML 14Page - Texas Instruments LM2103DR Datasheet HTML 15Page - Texas Instruments LM2103DR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
7.3.4 Output Stages
The output stages are the interface to the power MOSFETs in the power train. High slew rate, low resistance,
and high peak current capability of both outputs allow for efficient switching of the power MOSFETs. The
low-side output stage is referenced to GND and the high-side is referenced to SH.
7.3.5 SH Transient Voltages Below Ground
In most applications, the body diode of the external low-side power MOSFET clamps the SH node to ground.
In some situations, board capacitance and inductance can cause the SH node to transiently swing several volts
below ground, before the body diode of the external low-side MOSFET clamps this swing. The SH pin in the
LM2103 is allowed to swing below ground as long as specifications are not violated and conditions mentioned in
this section are followed.
SH must always be at a lower potential than GH. Pulling GH more negative than specified conditions can
activate parasitic transistors which may result in excessive current flow from the BST supply. This may result
in damage to the device. The same relationship is true with GL and GND. If necessary, a Schottky diode can
be placed externally between GH and SH or GL and GND to protect the device from this type of transient. The
diode must be placed as close to the device pins as possible in order to be effective.
Low ESR bypass capacitors from BST to SH and from GVDD to GND are essential for proper operation of the
gate driver device. The capacitor should be located at the leads of the device to minimize series inductance.
The peak currents from GL and GH can be quite large. Any series inductance with the bypass capacitor causes
voltage ringing at the leads of the device which must be avoided for reliable operation.
7.4 Device Functional Modes
The device operates in normal mode and UVLO mode. See Section 7.3.1 for more information on UVLO
operation mode. In normal mode, when the VGVDD and VBST–SH are above UVLO threshold, the output stage is
dependent on the states of the INH and INL pins. The outputs GH and GL will be low if input state is floating.
Table 7-3. Input/Output Logic in Normal Mode of Operation
INH
INL
GH(1)
GL(2)
L
L
L
H
L
H
L
L
H
L
L
L
H
H
H
L
Floating
Floating
L
L
(1)
GH is measured with respect to SH.
(2)
GL is measured with respect to GND.
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
To operate power MOSFETs at high switching frequencies and to reduce associated switching losses, a powerful
gate driver is employed between the PWM output of controller and the gates of the power semiconductor
devices. Also, gate drivers are indispensable when it is impossible for the PWM controller to directly drive the
gates of the switching devices. With the advent of digital power, this situation is often encountered because
the PWM signal from the digital controller is often a 3.3-V logic signal which cannot effectively turn on a power
switch. Level-shift circuitry is needed to boost the 3.3-V signal to the gate-drive voltage (such as 12 V) to
fully turn on the power device and minimize conduction losses. Traditional buffer drive circuits based on NPN
LM2103
SNVSC62A – APRIL 2023 – REVISED AUGUST 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com