Electronic Components Datasheet Search
  English  ▼

X  

BUL903ED Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUL903ED
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL903ED Datasheet(HTML) 1 Page - STMicroelectronics

  BUL903ED Datasheet HTML 1Page - STMicroelectronics BUL903ED Datasheet HTML 2Page - STMicroelectronics BUL903ED Datasheet HTML 3Page - STMicroelectronics BUL903ED Datasheet HTML 4Page - STMicroelectronics BUL903ED Datasheet HTML 5Page - STMicroelectronics BUL903ED Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BUL903ED
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
INTEGRATED ANTISATURATION AND
PROTECTION NETWORK
s
INTEGRATED ANTIPARALLEL COLLECTOR
EMITTER DIODE
s
HIGH VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
ARCING TEST SELF PROTECTED
APPLICATIONS
s
LAMP ELECTRONIC BALLAST FOR
FLUORESCENT LIGHTING USING 277V
HALF BRIDGE CURRENT-FED
CONFIGURATION
DESCRIPTION
The BUL903ED is manufactured using high
voltage Multi Epitaxial Planar technology for high
switching speeds and high voltage capability.
The device has been designed in order to
operate
without
baker
clamp
and
transil
protection. This enables saving from 2 up to 10
components in the application.
INTERNAL SCHEMATIC DIAGRAM
June 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCES
Collector-Emit ter Voltage (VBE = 0)
900
V
VCEO
Collector-Emit ter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
5
A
ICM
Collector Peak Current (tp <5 ms)
8
A
IB
Base Current
2
A
IBM
Base Peak Current (tp <5 ms)
4
A
Ptot
Tot al Dissipation at T c = 25
oC70
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1
2
3
TO-220
®
1/6


Similar Part No. - BUL903ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL903ED STMICROELECTRONICS-BUL903ED Datasheet
179Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2001
logo
Inchange Semiconductor ...
BUL903ED ISC-BUL903ED Datasheet
190Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
BUL903EDFP STMICROELECTRONICS-BUL903EDFP Datasheet
258Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL903ED STMICROELECTRONICS-BUL903ED_01 Datasheet
179Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2001
More results

Similar Description - BUL903ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com