Electronic Components Datasheet Search
  English  ▼

X  

LM2705 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2705
Description  LM2705 Micropower Step-Up DC-DC Converter With 150-mA Peak Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2705 Datasheet(HTML) 2 Page - Texas Instruments

  LM2705 Datasheet HTML 1Page - Texas Instruments LM2705 Datasheet HTML 2Page - Texas Instruments LM2705 Datasheet HTML 3Page - Texas Instruments LM2705 Datasheet HTML 4Page - Texas Instruments LM2705 Datasheet HTML 5Page - Texas Instruments LM2705 Datasheet HTML 6Page - Texas Instruments LM2705 Datasheet HTML 7Page - Texas Instruments LM2705 Datasheet HTML 8Page - Texas Instruments LM2705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
LM2705
SNVS191F – NOVEMBER 2002 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM2705
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 8
8
Application and Implementation .......................... 9
8.1
Application Information.............................................. 9
8.2
Typical Application ................................................... 9
8.3
Additional Applications ............................................ 12
9
Power Supply Recommendations ...................... 15
10
Layout................................................................... 15
10.1
Layout Guidelines ................................................. 15
10.2
Layout Example .................................................... 15
11
Device and Documentation Support ................. 16
11.1
Device Support...................................................... 16
11.2
Receiving Notification of Documentation Updates 16
11.3
Community Resources.......................................... 16
11.4
Trademarks ........................................................... 16
11.5
Electrostatic Discharge Caution ............................ 16
11.6
Glossary ................................................................ 16
12
Mechanical, Packaging, and Orderable
Information ........................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (May 2013) to Revision F
Page
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings and Thermal Information
tables, Feature Description, Device Functional Modes, Application and Implementation, Power Supply
Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections................................................................................................................................................................ 1
•
Deleted pin definition list - added content to Pin Functions .................................................................................................. 3
•
Changed RθJA value from "220°C/W" to "164.9°C/W" ........................................................................................................... 4
Changes from Revision D (May 2013) to Revision E
Page
•
Changed layout of National Semiconductor data sheet to TI format.................................................................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com