Electronic Components Datasheet Search
  English  ▼

X  

ISO7320C Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7320C
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320C Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7320C Datasheet HTML 2Page - Texas Instruments ISO7320C Datasheet HTML 3Page - Texas Instruments ISO7320C Datasheet HTML 4Page - Texas Instruments ISO7320C Datasheet HTML 5Page - Texas Instruments ISO7320C Datasheet HTML 6Page - Texas Instruments ISO7320C Datasheet HTML 7Page - Texas Instruments ISO7320C Datasheet HTML 8Page - Texas Instruments ISO7320C Datasheet HTML 9Page - Texas Instruments ISO7320C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
6.7 Switching Characteristics, 5 V
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
20
33
57
ns
See Figure 11
PWD(1)
Pulse width distortion |tPHL – tPLH|
4
ns
ISO7320
2
tsk(o)
(2)
Channel-to-channel output skew time
ns
ISO7321
17
tsk(pp)
(3)
Part-to-part skew time
23
ns
tr
Output signal rise time
2.4
ns
See Figure 11
tf
Output signal fall time
2.1
ns
tfs
Fail-safe output delay time from input power loss
See Figure 12
7.5
μs
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.8 Switching Characteristics, 3.3 V
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT3
tPLH, tPHL
Propagation delay time
22
37
66
ns
See Figure 11
PWD(1)
Pulse width distortion |tPHL – tPLH|
3
ns
ISO7320
3
tsk(o)
(2)
Channel-to-channel output skew time
ns
ISO7321
16
tsk(pp)
(3)
Part-to-part skew time
28
ns
tr
Output signal rise time
3.1
ns
See Figure 11
tf
Output signal fall time
2.6
ns
tfs
Fail-safe output delay time from input power loss
See Figure 12
7.4
μs
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com